Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 311Page - Renesas Technology Corp M32C/8A Datasheet HTML 312Page - Renesas Technology Corp M32C/8A Datasheet HTML 313Page - Renesas Technology Corp M32C/8A Datasheet HTML 314Page - Renesas Technology Corp M32C/8A Datasheet HTML 315Page - Renesas Technology Corp M32C/8A Datasheet HTML 316Page - Renesas Technology Corp M32C/8A Datasheet HTML 317Page - Renesas Technology Corp M32C/8A Datasheet HTML 318Page - Renesas Technology Corp M32C/8A Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 372 page
background image
M32C/8A Group
22. Programmable I/O Ports
Rev.1.00
Jul 15, 2007
Page 298 of 352
REJ09B0385-0100
Table 22.4
Port P8 Peripheral Function Output Control
Table 22.5
Port P9 Peripheral Function Output Control
Table 22.6
Port P10 Peripheral Function Input Control
PS2 Register
PSL2 Register
Bit 0
0: P8_0/TA4OUT input
1: Select by the PSL2_0 bit
0: TA4OUT output
1: U
Bit 1
0: P8_1/TA4IN
1: Select by the PSL2_1 bit
0: U
1: Do not set to this value
Bits 2 to 7 Set to 000000b
PS3 Register
PSL3 Register
Bit 0
0: P9_0/TB0IN/CLK3 input
1: Select by the PSL3_0 bit
0: CLK3 output
1: Do not set to this value
Bit 1
0: P9_1/TB1IN/RXD3/SCL3 input
1: Select by the PSL3_1 bit
0: SCL3 output
1: STXD3
Bit 2
0: P9_2/TB2IN/SRXD3/SDA3 input
1: Select by the PSL3_2 bit
0: TXD3/SDA3 output
1: Do not set to this value
Bit 3
0: P9_3/TB3IN/CTS3/SS3/DA0
1: RTS3
0: Peripheral function input
1: DA0
Bit 4
0: P9_4/TB4IN/CTS4/SS4/DA1
1: RTS4
0: Peripheral function input
1: DA1
Bit 5
0: P9_5/ANEX0/CLK4 input
1: CLK4 output
0: Peripheral function input except ANEX0
1: ANEX0
Bit 6
0: P9_6/SRXD4/ANEX1/SDA4 input
1: TXD4/SDA4 output
0: Peripheral function input except ANEX1
1: ANEX1
Bit 7
0: P9_7/RXD4 input/ADTRG/SCL4 input
1: Select by the PSL3_7 bit
0: SCL4 output
1: STXD4
PSC Register
Bit 7
0: P10_4 to P10_7 or KI0 to KI3
1: AN_4 to AN_7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com