Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 319 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 319 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 315Page - Renesas Technology Corp M32C/8A Datasheet HTML 316Page - Renesas Technology Corp M32C/8A Datasheet HTML 317Page - Renesas Technology Corp M32C/8A Datasheet HTML 318Page - Renesas Technology Corp M32C/8A Datasheet HTML 319Page - Renesas Technology Corp M32C/8A Datasheet HTML 320Page - Renesas Technology Corp M32C/8A Datasheet HTML 321Page - Renesas Technology Corp M32C/8A Datasheet HTML 322Page - Renesas Technology Corp M32C/8A Datasheet HTML 323Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 319 / 372 page
background image
M32C/8A Group
23. Electrical Characteristics
Rev.1.00
Jul 15, 2007
Page 302 of 352
REJ09B0385-0100
Table 23.4
Recommended Operating Conditions (3)
(VCC1 = VCC2 = 3.0 to 5.5 V, Topr = -20 to 85
°C unless otherwise specified)
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
f(CPU)
CPU clock frequency
(same frequency as f(BCLK))
VCC1 = 4.2 to 5.5V
0
32
MHz
VCC1 = 3.0 to 5.5V
0
24
MHz
f(XIN)
Main clock input frequency
VCC1 = 4.2 to 5.5V
0
32
MHz
VCC1 = 3.0 to 5.5V
0
24
MHz
f(XCIN)
Sub clock frequency
32.768
50
kHz
f(Ring)
On-chip oscillator frequency
0.5
1
2
MHz
f(VCO)
VCO clock frequency (PLL frequency synthesizer)
20
80
MHz
f(PLL)
PLL clock frequency
VCC1 = 4.2 to 5.5V
10
32
MHz
VCC1 = 3.0 to 5.5V
10
24
MHz
tsu(PLL)
Wait time to stabilize PLL frequency
synthesizer
VCC1 = 5.0V
5
ms
VCC1 = 3.3V
10
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com