Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 316Page - Renesas Technology Corp M32C/8A Datasheet HTML 317Page - Renesas Technology Corp M32C/8A Datasheet HTML 318Page - Renesas Technology Corp M32C/8A Datasheet HTML 319Page - Renesas Technology Corp M32C/8A Datasheet HTML 320Page - Renesas Technology Corp M32C/8A Datasheet HTML 321Page - Renesas Technology Corp M32C/8A Datasheet HTML 322Page - Renesas Technology Corp M32C/8A Datasheet HTML 323Page - Renesas Technology Corp M32C/8A Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 372 page
background image
M32C/8A Group
23. Electrical Characteristics
Rev.1.00
Jul 15, 2007
Page 303 of 352
REJ09B0385-0100
Table 23.5
Electrical Characteristics (1)
(VCC1 = VCC2 = 4.2 to 5.5 V, VSS = 0 V, Topr = -20 to 85
°C, f(CPU) = 32 MHz unless
otherwise specified)
NOTE:
1. P11 to P15 are provided in the 144-pin package only.
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
VOH
Output
high “H”
voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7(1)
IOH = -5 mA
VCC2 - 2.0
VCC2
V
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,P10_0 to P10_7,
P14_0 to P14_6, P15_0 to P15_7(1)
IOH = -5 mA
VCC1 - 2.0
VCC1
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7(1)
IOH = -200
μA VCC2 - 0.3
VCC2
V
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,P10_0 to P10_7,
P14_0 to P14_6, P15_0 to P15_7(1)
IOH = -200
μA VCC1 - 0.3
VCC1
XOUT
IOH = -1 mA
3.0
VCC1
V
XCOUT
High drive
capability
No load
applied
2.5
V
Low drive
capability
No load
applied
1.6
V
VOL
Output low
“L” voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7, P14_0 to P14_6,
P15_0 to P15_7(1)
IOL = 5 mA
2.0
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7, P14_0 to P14_6,
P15_0 to P15_7(1)
IOL = 200
μA0.45
V
XOUT
IOL = 1 mA
2.0
V
XCOUT
High drive
capability
No load
applied
0V
Low drive
capability
No load
applied
0V
VT+ - VT-
Hysteresis
HOLD, RDY, TA0IN to TA4IN,
TB0IN to TB5IN, INT0 to INT5, ADTRG,
CTS0 to CTS4, CLK0 to CLK4,
TA0OUT to TA4OUT, NMI, KI0 to KI3,
RXD0 to RXD4, SCL0 to SCL4,
SDA0 to SDA4
0.2
1.0
V
RESET
0.2
1.8
V
VCC1 = VCC2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com