Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 321 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 321 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 317Page - Renesas Technology Corp M32C/8A Datasheet HTML 318Page - Renesas Technology Corp M32C/8A Datasheet HTML 319Page - Renesas Technology Corp M32C/8A Datasheet HTML 320Page - Renesas Technology Corp M32C/8A Datasheet HTML 321Page - Renesas Technology Corp M32C/8A Datasheet HTML 322Page - Renesas Technology Corp M32C/8A Datasheet HTML 323Page - Renesas Technology Corp M32C/8A Datasheet HTML 324Page - Renesas Technology Corp M32C/8A Datasheet HTML 325Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 321 / 372 page
background image
M32C/8A Group
23. Electrical Characteristics
Rev.1.00
Jul 15, 2007
Page 304 of 352
REJ09B0385-0100
Table 23.6
Electrical Characteristics (2)
(VCC1 = VCC2 = 4.2 to 5.5 V, VSS = 0 V, Topr = -20 to 85
°C, f(CPU) = 32 MHz unless
otherwise specified)
NOTE:
1. P11 to P15 are provided in the 144-pin package only.
Table 23.7
Electrical Characteristics (3) (VCC1 = VCC2 = 5.5 V, VSS = 0 V, Topr = 25
°C)
Symbol
Parameter
Condition
Standard
Unit
Min.
Typ.
Max.
IIH
Input high
“H” current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7, P14_0 to P14_6,
P15_0 to P15_7(1), XIN, RESET, CNVSS,
BYTE
VI = 5 V
5.0
μA
IIL
Input low “L”
current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7, P14_0 to P14_6,
P15_0 to P15_7(1), XIN, RESET, CNVSS,
BYTE
VI = 0V
-5.0
μA
RPULLUP Pull-up
resistance
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7,P10_0 to P10_7,
P11_0 to P11_4, P12_0 to P12_7,
P13_0 to P13_7, P14_0 to P14_6,
P15_0 to P15_7(1)
VI = 0V
20
40
167
k
Ω
RfXIN
Feedback
resistance
XIN
1.5
M
Ω
RfXCIN
Feedback
resistance
XCIN
10
M
Ω
VRAM
RAM data
retention
voltage
In stop mode
2.0
V
Symbol Parameter
Condition
Standard
Unit
Min. Typ. Max.
ICC
Power
supply
current
ROMless
version
f(CPU) = 32 MHz
28
45
mA
f(CPU) = 16 MHz
16
mA
f(CPU) = 8 MHz
10
mA
f(CPU) = f(Ring)
In on-chip oscillator low-power consumption mode
1mA
f(CPU) = 32 kHz
In low-power consumption mode
25
μA
f(CPU) = f(Ring)
After entering wait mode from on-chip oscillator
low-power consumption mode
50
μA
Stop mode (while clock is stopped)
0.8
5
μA
Stop mode (while clock is stopped) Topr = 85
°C50
μA
VCC1 = VCC2 = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com