Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/8A Datasheet(PDF) 324 Page - Renesas Technology Corp

Part # M32C/8A
Description  RENESAS MCU M16C FAMILY / M32C/80 Series
PDF  372 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/8A Datasheet(HTML) 324 Page - Renesas Technology Corp

Back Button M32C/8A Datasheet HTML 320Page - Renesas Technology Corp M32C/8A Datasheet HTML 321Page - Renesas Technology Corp M32C/8A Datasheet HTML 322Page - Renesas Technology Corp M32C/8A Datasheet HTML 323Page - Renesas Technology Corp M32C/8A Datasheet HTML 324Page - Renesas Technology Corp M32C/8A Datasheet HTML 325Page - Renesas Technology Corp M32C/8A Datasheet HTML 326Page - Renesas Technology Corp M32C/8A Datasheet HTML 327Page - Renesas Technology Corp M32C/8A Datasheet HTML 328Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 324 / 372 page
background image
M32C/8A Group
23. Electrical Characteristics
Rev.1.00
Jul 15, 2007
Page 307 of 352
REJ09B0385-0100
Table 23.12
External Clock Input
i = 0 to 4
i = 0 to 4
i = 0 to 4
i = 0 to 4
Symbol
Parameter
Standard
Unit
Min.
Max.
tc
External clock input cycle time
31.25
ns
tw(H)
External clock input high (“H”) pulse width
13.75
ns
tw(L)
External clock input low (“L”) pulse width
13.75
ns
tr
External clock rise time
5
ns
tf
External clock fall time
5
ns
Table 23.13
Timer A Input (Count Source Input in Event Counter Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
100
ns
tw(TAH)
TAiIN input high (“H”) pulse width
40
ns
tw(TAL)
TAiIN input low (“L”) pulse width
40
ns
Table 23.14
Timer A Input (Gate Signal Input in Timer Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
400
ns
tw(TAH)
TAiIN input high (“H”) pulse width
200
ns
tw(TAL)
TAiIN input low (“L”) pulse width
200
ns
Table 23.15
Timer A Input (External Trigger Input in One-Shot Timer Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(TA)
TAiIN input cycle time
200
ns
tw(TAH)
TAiIN input high (“H”) pulse width
100
ns
tw(TAL)
TAiIN input low (“L”) pulse width
100
ns
Table 23.16
Timer A Input (External Trigger Input in Pulse Width Modulation Mode)
Symbol
Parameter
Standard
Unit
Min.
Max.
tw(TAH)
TAiIN input high (“H”) pulse width
100
ns
tw(TAL)
TAiIN input low (“L”) pulse width
100
ns
VCC1 = VCC2 = 5V
Timing Requirements
(VCC1 = VCC2 = 4.2 to 5.5 V, VSS = 0 V, Topr = -20 to 85
°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com