Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 374 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 374 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 370Page - Renesas Technology Corp M32C/86 Datasheet HTML 371Page - Renesas Technology Corp M32C/86 Datasheet HTML 372Page - Renesas Technology Corp M32C/86 Datasheet HTML 373Page - Renesas Technology Corp M32C/86 Datasheet HTML 374Page - Renesas Technology Corp M32C/86 Datasheet HTML 375Page - Renesas Technology Corp M32C/86 Datasheet HTML 376Page - Renesas Technology Corp M32C/86 Datasheet HTML 377Page - Renesas Technology Corp M32C/86 Datasheet HTML 378Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 505 page
background image
Page 351
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
23.1.20.3 MSGLOST Bit
The MSGLOST bit is enabled only when the message slot is set for reception. The MSGLOST bit is set
to "1" (overrun error occurred) when the message slot j is overwritten by a new received message
while the NEWDATA bit set to "1" (already received).
The MSGLOST bit is not automatically set to "0". Set to "0" (no overrun error occurred) by program.
23.1.20.4 REMACTIVE Bit
The CiMCTL0 to CiMCTL15 registers all have the same function when the STATE_BASICCAN bit is
set to "0" (other than BasicCAN mode).
The REMACTIVE bit is set to "1" (remote frame) when the message slot j is set to transmit or receive
the remote frame. The REMACTIVE bit is set to "0" (data frame) after the remote frame has been
transmitted or received.
The functions of the CiMCTL14 and CiMCTL15 registers change when the STATE_BASICCAN bit is
set to "1" (BasicCAN mode). When the REMACTIVE bit is set to "0", this indicates that a message
stored into the message slot is the data frame. When the REMACTIVE bit is set to "1", this indicates a
message stored into the message slot is the remote frame.
23.1.20.5 RSPLOCK Bit
The RSPLOCK bit is enabled only when remote frame reception shown in Table 23.4 is selected. The
RSPLOCK bit determines whether the received remote frame is processed or not.
When the RSPLOCK bit is set to "0" (automatic answering of the remote frame enabled), the slot
automatically changes to a transmit slot after the remote frame is received and the message stored
into the message slot is automatically transmitted as the data frame.
When the RSPLOCK bit is set to "1" (automatic answering of the remote frame disabled), message is
not automatically transmitted upon receiving the remote frame.
Set the RSPLOCK bit to "0" to select any transmit/receive mode other than the remote frame reception.
23.1.20.6 REMOTE Bit
The REMOTE bit selects transmit/receive mode shown in Table 23.4. Set the REMOTE bit to "0" to
transmit or receive data frame. Set to "1" to transmit or receive remote frame.
The followings occur during remote frame transmission or reception.
• Transmitting the remote frame
A message stored into the message slot j (j=0 to 15) is transmitted as the remote frame. After
transmission, the slot automatically becomes ready to receive data frame.
If the data frame is received before the remote frame is transmitted, the data frame is stored into
the message slot j. The remote frame is not transmitted.
• Receiving the remote frame
The message slot receives the remote frame. The RSPLOCK bit determines whether or not to
process the received remote frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com