Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 373Page - Renesas Technology Corp M32C/86 Datasheet HTML 374Page - Renesas Technology Corp M32C/86 Datasheet HTML 375Page - Renesas Technology Corp M32C/86 Datasheet HTML 376Page - Renesas Technology Corp M32C/86 Datasheet HTML 377Page - Renesas Technology Corp M32C/86 Datasheet HTML 378Page - Renesas Technology Corp M32C/86 Datasheet HTML 379Page - Renesas Technology Corp M32C/86 Datasheet HTML 380Page - Renesas Technology Corp M32C/86 Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 505 page
background image
Page 354
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Message Slot Buffer j Standard ID1 (i=0,1, j=0,1)(1)
Symbol
Address
After Reset
C0SLOT0_1, C0SLOT1_1
01E116, 01F116
Indeterminate
C1SLOT0_1, C1SLOT1_1
026116, 027116
Indeterminate
SID0
SID1
SID2
SID3
SID4
SID5
(b7 - b6)
Standard ID0
Read or write the standard ID0
in the message slot k (k=0 to 15)
Standard ID1
Standard ID2
Standard ID3
Standard ID4
Standard ID5
Read or write the standard ID1
in the message slot k
Read or write the standard ID2
in the message slot k
Read or write the standard ID3
in the message slot k
Read or write the standard ID4
in the message slot k
Read or write the standard ID5
in the message slot k
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
b7
b6
b5
b4
b3
b2
b1
b0
RW
RW
RW
RW
RW
RW
RW
NOTES:
1. Select, by setting the CiSBS register, the message slot k to be accessed by the CiSLOTj_1 register.
CANi Message Slot Buffer j Standard ID0 (i=0,1, j=0,1)(1)
Symbol
Address
After Reset
C0SLOT0_0, C0SLOT1_0
01E016, 01F016
Indeterminate
C1SLOT0_0, C1SLOT1_0
026016, 027016
Indeterminate
SID6
SID7
SID8
SID9
SID10
(b7 - b5)
Standard ID6
Standard ID7
Standard ID8
Standard ID9
Standard ID10
Read or write the standard ID6
in the message slot k (k=0 to 15)
Read or write the standard ID7
in the message slot k
Read or write the standard ID8
in the message slot k
Read or write the standard ID9
in the message slot k
Read or write the standard ID10
in the message slot k
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
b7
b6
b5
b4
b3
b2
b1
b0
NOTES:
1. Select, by setting the CiSBS register, the message slot k to be accessed by the CiSLOTj_0 register.
RW
RW
RW
RW
RW
RW
23.1.22 CANi Message Slot Buffer j (i=0,1, j=0,1)
Figure 23.31 C0SLOT0_0, C0SLOT1_0, C0SLOT0_1 and C0SLOT1_1 Registers
C1SLOT0_0, C1SLOT1_0, C1SLOT0_1 and C1SLOT1_1 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com