Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 379 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 379 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 375Page - Renesas Technology Corp M32C/86 Datasheet HTML 376Page - Renesas Technology Corp M32C/86 Datasheet HTML 377Page - Renesas Technology Corp M32C/86 Datasheet HTML 378Page - Renesas Technology Corp M32C/86 Datasheet HTML 379Page - Renesas Technology Corp M32C/86 Datasheet HTML 380Page - Renesas Technology Corp M32C/86 Datasheet HTML 381Page - Renesas Technology Corp M32C/86 Datasheet HTML 382Page - Renesas Technology Corp M32C/86 Datasheet HTML 383Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 505 page
background image
Page 356
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Message Slot Buffer j Data Length Code (i=0,1, j=0,1)(1)
Symbol
Address
After Reset
C0SLOT0_5, C0SLOT1_5
01E516, 01F516
Indeterminate
C1SLOT0_5, C1SLOT1_5
026516, 027516
Indeterminate
Read or write the data length set bit
in the message slot k (k=0 to 15)
DLC0
DLC1
DLC2
DLC3
(b7 - b4)
Data Length Set Bit
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Bit Name
Function
Bit
Symbol
b7
b6
b5
b4
b3
b2
b1
b0
NOTES:
1. Select, by setting the CiSBS register, the message slot k to be accessed by the CiSLOTj_5 register.
RW
RW
RW
RW
RW
CANi Message Slot Buffer j Extended ID2 (i=0,1, j=0,1)(1, 2)
Symbol
Address
After Reset
C0SLOT0_4, C0SLOT1_4
01E416, 01F416
Indeterminate
C1SLOT0_4, C1SLOT1_4
026416, 027416
Indeterminate
EID0
EID1
EID2
EID3
Extended ID0
Read or write the extended ID0
in the message slot k (k=0 to 15)
Extended ID1
Extended ID2
Extended ID3
Read or write the extended ID1
in the message slot k
Read or write the extended ID2
in the message slot k
Read or write the extended ID3
in the message slot k
EID4
EID5
(b7 - b6)
Extended ID4
Extended ID5
Read or write the extended ID4
in the message slot k
Read or write the extended ID5
in the message slot k
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
NOTES:
1. If the receive slot is standard ID formatted, the EID5 to EID0 bits are indeterminate when received data
is stored.
2. Select, by setting the CiSBS register, the message slot k to be accessed by the CiSLOTj_4 register.
b7
b6
b5
b4
b3
b2
b1
b0
RW
RW
RW
RW
RW
RW
RW
Figure 23.33 C0SLOT0_4, C0SLOT1_4, C0SLOT0_5 and C0SLOT1_5 Registers
C1SLOT0_4, C1SLOT1_4, C1SLOT0_5 and C1SLOT1_5 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com