Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 378 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 378 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 374Page - Renesas Technology Corp M32C/86 Datasheet HTML 375Page - Renesas Technology Corp M32C/86 Datasheet HTML 376Page - Renesas Technology Corp M32C/86 Datasheet HTML 377Page - Renesas Technology Corp M32C/86 Datasheet HTML 378Page - Renesas Technology Corp M32C/86 Datasheet HTML 379Page - Renesas Technology Corp M32C/86 Datasheet HTML 380Page - Renesas Technology Corp M32C/86 Datasheet HTML 381Page - Renesas Technology Corp M32C/86 Datasheet HTML 382Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 505 page
background image
Page 355
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
23. CAN Module
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
CANi Message Slot Buffer j Extended ID1 (i=0,1, j=0,1)(1, 2)
Symbol
Address
After Reset
C0SLOT0_3, C0SLOT1_3
01E316, 01F316
Indeterminate
C1SLOT0_3, C1SLOT1_3
026316, 027316
Indeterminate
EID6
EID7
EID8
EID9
Extended ID6
Read or write the extended ID6
in the message slot k (k=0 to 15)
Extended ID7
Extended ID8
Extended ID9
Read or write the extended ID7
in the message slot k
Read or write the extended ID8
in the message slot k
Read or write the extended ID9
in the message slot k
EID10
EID11
Extended ID10
Extended ID11
Read or write the extended ID10
in the message slot k
Read or write the extended ID11
in the message slot k
EID12
EID13
Extended ID12
Extended ID13
Read or write the extended ID12
in the message slot k
Read or write the extended ID13
in the message slot k
Bit Name
Function
Bit
Symbol
NOTES:
1. If the receive slot is standard ID formatted, the EID13 to EID6 bits are indeterminate when received
data is stored.
2. Select, by setting the CiSBS register, the message slot k to be accessed by the CiSLOTj_3 register.
b7
b6
b5
b4
b3
b2
b1
b0
RW
RW
RW
RW
RW
RW
RW
RW
RW
CANi Message Slot Buffer j Extended ID0 (i=0,1, j=0,1)(1, 2)
Symbol
Address
After Reset
C0SLOT0_2, C0SLOT1_2
01E216, 01F216
Indeterminate
C1SLOT0_2, C1SLOT1_2
026216, 027216
Indeterminate
EID14
EID15
Extended ID14
Extended ID15
Read or write the extended ID14
in the message slot k (k=0 to 15)
Read or write the extended ID15
in the message slot k
EID16
EID17
(b7 - b4)
Extended ID16
Extended ID17
Read or write the extended ID16
in the message slot k
Read or write the extended ID17
in the message slot k
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
b7
b6
b5
b4
b3
b2
b1
b0
NOTES:
1. If the receive slot is standard ID formatted, the EID17 to EID14 bits are indeterminate when received
data is stored.
2. Select, by setting the CiSBS register, the message slot k to be accessed by the CiSLOTj_2 register.
RW
RW
RW
RW
RW
Figure 23.32 C0SLOT0_2, C0SLOT1_2, C0SLOT0_3 and C0SLOT1_3 Registers
C1SLOT0_2, C1SLOT1_2, C1SLOT0_3 and C1SLOT1_3 Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com