Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 394 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 394 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 390Page - Renesas Technology Corp M32C/86 Datasheet HTML 391Page - Renesas Technology Corp M32C/86 Datasheet HTML 392Page - Renesas Technology Corp M32C/86 Datasheet HTML 393Page - Renesas Technology Corp M32C/86 Datasheet HTML 394Page - Renesas Technology Corp M32C/86 Datasheet HTML 395Page - Renesas Technology Corp M32C/86 Datasheet HTML 396Page - Renesas Technology Corp M32C/86 Datasheet HTML 397Page - Renesas Technology Corp M32C/86 Datasheet HTML 398Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 505 page
background image
Page 371
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 24.4 Programmable I/O Ports (4)
Figure 24.5 PD0 to PD15 Registers
NMI
Data Bus
Input Port (P85)
NOTES:
1. Set the PD9 register immediately after the PRC2 bit in the PRCR register is set to "1" (write enable). Do not
generate an interrupt or a DMA transfer between the instruction to set the PRC2 bit to "1" and the instruction
to set the PD9 register.
2. In memory expansion mode and microprocessor mode, the PDi register cannot control pins being
used as bus control pins (A0 to A22, A23, D0 to D15, CS0 to CS3, WRL/WR, WRH/BHE,
BCLK/ALE/CLKOUT, RD, HLDA/ALE, HOLD, ALE and RDY).
M32C/86T cannot be used in memory expansion mode and microprocessor mode.
3. Nothing is assigned in the PD8_5 bit in the PD8 register, the PD11_7 to PD11_5 bits in the PD11
register and the P14_7 bit in the PD14 register. If write, set these bits to "0". When read, their
contents are indeterminate.
Function
Port Pi Direction Register (i=0 to 15) (2)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PD0 to PD3
03E216, 03E316, 03E616, 03E716
0016
PD4 to PD7
03EA16, 03EB16, 03C216, 03C316
0016
PD8
03C616(3)
00X0 00002
PD9 to PD10
03C716(1), 03CA16
0016
PD11
03CB16(3)
XXX0 00002
PD12 to PD13
03CE, 03CF16
0016
PD14
03D216(3)
X000 00002
PD15
03D316
0016
RW
PDi_0
PDi_1
PDi_2
Port Pi0 Direction
Bit
PDi_3
PDi_4
PDi_5
PDi_7
PDi_6
0 : Input mode (Functions as input port)
1 : Output mode (Functions as output port)
Port Pi1 Direction
Bit
Port Pi2 Direction
Bit
Port Pi3 Direction
Bit
Port Pi4 Direction
Bit
Port Pi5 Direction
Bit
Port Pi6 Direction
Bit
Port Pi7 Direction
Bit
0 : Input mode (Functions as input port)
1 : Output mode (Functions as output port)
0 : Input mode (Functions as input port)
1 : Output mode (Functions as output port)
0 : Input mode (Functions as input port)
1 : Output mode (Functions as output port)
0 : Input mode (Functions as input port)
1 : Output mode (Functions as output port)
0 : Input mode (Functions as input port)
1 : Output mode (Functions as output port)
0 : Input mode (Functions as input port)
1 : Output mode (Functions as output port)
0 : Input mode (Functions as input port)
1 : Output mode (Functions as output port)
RW
RW
RW
RW
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com