Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 396 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 396 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 392Page - Renesas Technology Corp M32C/86 Datasheet HTML 393Page - Renesas Technology Corp M32C/86 Datasheet HTML 394Page - Renesas Technology Corp M32C/86 Datasheet HTML 395Page - Renesas Technology Corp M32C/86 Datasheet HTML 396Page - Renesas Technology Corp M32C/86 Datasheet HTML 397Page - Renesas Technology Corp M32C/86 Datasheet HTML 398Page - Renesas Technology Corp M32C/86 Datasheet HTML 399Page - Renesas Technology Corp M32C/86 Datasheet HTML 400Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 396 / 505 page
background image
Page 373
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 24.7 PS0 Register and PS1 Register
Function
Function Select Register A0
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PS0
03B016
0016
RW
PS0_0
PS0_1
Port P60 Output
Function Select Bit
PS0_3
PS0_4
PS0_5
PS0_7
0 : I/O port
1 : RTS0
0 : I/O port
1 : CLK0 output
0 : I/O port
1 : TXD0/SDA0 output
0 : I/O port
1 : Selected by the PSL0_4 bit
0 : I/O port
1 : CLK1 output
0 : I/O port
1 : TXD1/SDA1 output
Port P61 Output
Function Select Bit
Port P63 Output
Function Select Bit
Port P64 Output
Function Select Bit
Port P65 Output
Function Select Bit
Port P67 Output
Function Select Bit
PS0_2
Port P62 Output
Function Select Bit
0 : I/O port
1 : Selected by the PSL0_2 bit
PS0_6
Port P66 Output
Function Select Bit
0 : I/O port
1 : Selected by the PSL0_6 bit
RW
RW
RW
RW
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0
Function
Function Select Register A1
Bit Name
Bit
Symbol
Symbol
Address
After Reset
PS1
03B116
0016
RW
PS1_0
PS1_1
Port P70 Output
Function Select Bit
PS1_3
PS1_4
PS1_5
PS1_7
0 : I/O port
1 : Selected by the PSL1_0 bit
0 : I/O port
1 : Selected by the PSL1_7 bit
Port P71 Output
Function Select Bit
Port P73 Output
Function Select Bit
Port P74 Output
Function Select Bit
Port P75 Output
Function Select Bit
Port P77 Output
Function Select Bit
PS1_6
Port P76 Output
Function Select Bit
PS1_2
Port P72 Output
Function Select Bit
0 : I/O port
1 : Selected by the PSL1_1 bit
0 : I/O port
1 : Selected by the PSL1_2 bit
0 : I/O port
1 : Selected by the PSL1_3 bit
0 : I/O port
1 : Selected by the PSL1_4 bit
0 : I/O port
1 : Selected by the PSL1_5 bit
0 : I/O port
1 : Selected by the PSL1_6 bit
RW
RW
RW
RW
RW
RW
RW
RW
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com