Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 395 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 395 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 391Page - Renesas Technology Corp M32C/86 Datasheet HTML 392Page - Renesas Technology Corp M32C/86 Datasheet HTML 393Page - Renesas Technology Corp M32C/86 Datasheet HTML 394Page - Renesas Technology Corp M32C/86 Datasheet HTML 395Page - Renesas Technology Corp M32C/86 Datasheet HTML 396Page - Renesas Technology Corp M32C/86 Datasheet HTML 397Page - Renesas Technology Corp M32C/86 Datasheet HTML 398Page - Renesas Technology Corp M32C/86 Datasheet HTML 399Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 395 / 505 page
background image
Page 372
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
24. Programmable I/O Ports
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 24.6 P0 to P15 Registers
NOTES:
1. In memory expansion mode and microprocessor mode, the Pi register cannot control pins being used
as bus control pins (A0 to A22, A23, D0 to D15, CS0 to CS3, WRL/WR, WRH/BHE, RD,
BCLK/ALE/CLKOUT, HLDA/ALE, HOLD, ALE and RDY).
M32C/86T cannot be used in memory expansion mode and microprocessor mode.
2. P70 and P71 are ports for the N-channel open drain output. The pins go into high-impedance states
when P70 and P71 output "H" signal.
3. The P8_5 bit is for read only.
4. Nothing is assigned in the P11_7 to P11_5 bits in the P11 register and the P14_7 bit in the P14
register. If write, set these bits to "0". When read, their contents are indeterminate.
Function
Port Pi Register (i=0 to 15)(1, 2)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
P0 to P5
03E016, 03E116, 03E416, 03E516, 03E816, 03E916
Indeterminate
P6 to P10
03C016, 03C116(3), 03C416(4), 03C516, 03C816
Indeterminate
P11 to P15
03C916(5), 03CC16, 03CD16, 03D016(5), 03D116
Indeterminate
RW
Pi_0
Pi_1
Pi_2
Port Pi0 Bit
Pi_3
Pi_4
Pi_5
Pi_7
Pi_6
Port Pi1 Bit
Port Pi2 Bit
Port Pi3 Bit
Port Pi4 Bit
Port Pi5 Bit
Port Pi6 Bit
Port Pi7 Bit
RW
RW
RW
RW
RW
RW
RW
RW
Pin levels can be read by reading
bits corresponding to programmable
ports in input mode.
Pin levels can be controlled by
writing to bits corresponding to
programmable ports in output mode.
0: "L" level
1: "H" level
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com