Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 444 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 444 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 440Page - Renesas Technology Corp M32C/86 Datasheet HTML 441Page - Renesas Technology Corp M32C/86 Datasheet HTML 442Page - Renesas Technology Corp M32C/86 Datasheet HTML 443Page - Renesas Technology Corp M32C/86 Datasheet HTML 444Page - Renesas Technology Corp M32C/86 Datasheet HTML 445Page - Renesas Technology Corp M32C/86 Datasheet HTML 446Page - Renesas Technology Corp M32C/86 Datasheet HTML 447Page - Renesas Technology Corp M32C/86 Datasheet HTML 448Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 444 / 505 page
background image
Page 421
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
25.5 Parallel I/O Mode
In parallel I/O mode, the user ROM area and the boot ROM area can be rewritten by a parallel programmer
supporting the M32C/86 Group (M32C/86, M32C/86T). Contact your parallel programmer manufacturer for
more information on the parallel programmer. Refer to the user's manual included with your parallel pro-
grammer for instructions.
25.5.1 Boot ROM Area
An erase block operation in the boot ROM area is applied to only one 4-Kbyte block. The rewrite control
program in standard serial I/O mode is written in the boot ROM area before shipment. Do not rewrite the
boot ROM area if using the serial programmer.
In parallel I/O mode, the boot ROM area is located in addresses FFF00016 to FFFFFF16. Rewrite this
address range only if rewriting the boot ROM area. (Do not access addresses other than addresses
FFF00016 to FFFFFF16.)
25.5.2 ROM Code Protect Function
The ROM code protect function prevents the flash memory from being read and rewritten in parallel I/O
mode. (Refer to 25.2 Functions to Prevent Flash Memory from Rewriting.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com