Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 442 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 442 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 438Page - Renesas Technology Corp M32C/86 Datasheet HTML 439Page - Renesas Technology Corp M32C/86 Datasheet HTML 440Page - Renesas Technology Corp M32C/86 Datasheet HTML 441Page - Renesas Technology Corp M32C/86 Datasheet HTML 442Page - Renesas Technology Corp M32C/86 Datasheet HTML 443Page - Renesas Technology Corp M32C/86 Datasheet HTML 444Page - Renesas Technology Corp M32C/86 Datasheet HTML 445Page - Renesas Technology Corp M32C/86 Datasheet HTML 446Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 442 / 505 page
background image
Page 419
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Clock input
BUSY output
Data output
Data input
BUSY
SCLK
TXD
CNVss
P50(CE)
P55(EPM)
NMI
RESET
RxD
Reset input
User reset
signal
Microcomputer
NOTES:
1. Control pins and external circuitry vary with the serial programmer. Refer to the user's manual
included with the serial programmer.
2. In this example, a selector controls the voltage applied to the CNVSS pin to switch between in
single-chip mode and in standard serial I/O mode.
3. In standard serial I/O mode 1, if the user reset signal becomes "L" while the microcomputer is
communicating with the serial programmer, break the connection between the user reset signal and
the RESET pin by, for example, a jumper selector.
VCC
VCC
VCC
VCC
VCC
25.4.2 Circuit Application in Standard Serial I/O Mode
Figure 25.17 shows an example of a circuit application in standard serial I/O mode 1. Figure 25.18 shows
an example of a circuit application serial I/O mode 2. Figure 25.19 shows an example of a circuit applica-
tion serial I/O mode 3. Refer to the user's manual of your serial programmer to handle pins controlled by
the serial programmer.
Figure 25.15 Circuit Application in Standard Serial I/O Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com