Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 438 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 438 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 434Page - Renesas Technology Corp M32C/86 Datasheet HTML 435Page - Renesas Technology Corp M32C/86 Datasheet HTML 436Page - Renesas Technology Corp M32C/86 Datasheet HTML 437Page - Renesas Technology Corp M32C/86 Datasheet HTML 438Page - Renesas Technology Corp M32C/86 Datasheet HTML 439Page - Renesas Technology Corp M32C/86 Datasheet HTML 440Page - Renesas Technology Corp M32C/86 Datasheet HTML 441Page - Renesas Technology Corp M32C/86 Datasheet HTML 442Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 438 / 505 page
background image
Page 415
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Full status check
FMR06 =1
and
FMR07=1?
NO
Command
sequence error
YES
FMR07=0?
YES
Erase error
NO
(1) Execute the clear status register command and set the SR5 and SR4
bits to "0" (successfully completed) .
(2) Execute the correct commands again.
(1) Execute the clear status register command and set the SR5 bit to "0".
(2) Execute the lock bit read status command. Set the FMR02 bit to "1" (
lock bit disabled) if the lock bit in the block where the error occurred is
set to "0" (locked).
(3) Execute the block erase or erase all unlocked block command again.
NOTE: If similar error occurs, that block cannot be used.
If the lock bit is set to "1" (unlocked) in (2) above, that block
cannot be used.
FMR06=0?
YES
Program error
NO
Full status check completed
(1) Execute the clear status register command and set the SR4 bit to "0"(
successfully completed) .
(2) Execute the read lock bit status command and set the FMR02 bit to "1" if
the lock bit in the block where the error occurred is set to "0".
(3) Execute the program command again.
NOTE: If a similar error occurs, that block cannot be used.
If the lock bit is set to "1" in (2) above, that block cannot be used.
[When a program operation is executed]
[When a lock bit program operation is executed]
NOTE: When either FMR06 or FMR07 bit is set to "1" (terminated by error) , the program, block erase, erase all unlocked block, lock bit
program and read lock bit status commands cannot be accepted.
Execute the clear status register command before each command.
(1) Execute the clear status register command and set the SR4 bit to "0".
(2) Set the FMR02 bit in the FMR0 register to "1".
(3) Execute the block erase command to erase the block where the error
occurred.
(4) Execute the lock bit program command again.
NOTE: If similar error occurs, that block cannot be used.
Figure 25.13 Full Status Check and Handling Procedure for Each Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com