Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 436 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 436 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 432Page - Renesas Technology Corp M32C/86 Datasheet HTML 433Page - Renesas Technology Corp M32C/86 Datasheet HTML 434Page - Renesas Technology Corp M32C/86 Datasheet HTML 435Page - Renesas Technology Corp M32C/86 Datasheet HTML 436Page - Renesas Technology Corp M32C/86 Datasheet HTML 437Page - Renesas Technology Corp M32C/86 Datasheet HTML 438Page - Renesas Technology Corp M32C/86 Datasheet HTML 439Page - Renesas Technology Corp M32C/86 Datasheet HTML 440Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 436 / 505 page
background image
Page 413
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 25.5 Status Register
D0 to D7: These data buses are read when the read status register command is executed.
NOTES:
1. The FMR07 (SR5) and FMR06 (SR4) bits are set to "0" by executing the clear status register command.
When the FMR07 (SR5) or FMR06 (SR4) bit is set to "1", the program, block erase, erase all unlocked
block and lock bit program commands are not accepted.
Bits in
SRD
register
SR4 (D4)
SR5 (D5)
SR7 (D7)
SR6 (D6)
Status
Name
Definition
SR1 (D1)
SR2 (D2)
SR3 (D3)
SR0 (D0)
Program status
Erase status
Sequencer status
Reserved bit
Reserved bit
Reserved bit
Reserved bit
"1"
READY
-
-
-
-
-
"0"
BUSY
-
-
-
-
-
Reserved bit
Bits in
FMR0
Register
FMR00
FMR07
FMR06
Value
after
Reset
1
0
0
Successfully completed
Successfully completed
-
-
-
-
-
Error
Error
(1)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com