Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 433 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 433 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 429Page - Renesas Technology Corp M32C/86 Datasheet HTML 430Page - Renesas Technology Corp M32C/86 Datasheet HTML 431Page - Renesas Technology Corp M32C/86 Datasheet HTML 432Page - Renesas Technology Corp M32C/86 Datasheet HTML 433Page - Renesas Technology Corp M32C/86 Datasheet HTML 434Page - Renesas Technology Corp M32C/86 Datasheet HTML 435Page - Renesas Technology Corp M32C/86 Datasheet HTML 436Page - Renesas Technology Corp M32C/86 Datasheet HTML 437Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 433 / 505 page
background image
Page 410
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
25.3.5.7 Lock Bit Program Command
The lock bit program command sets the lock bit for a specified block to "0" (locked).
By writing command code "xx7716" in the first bus cycle and "xxD016" to the highest-order even ad-
dress of a block in the second bus cycle, the lock bit for the specified block is set to "0". The address
value specified in the first bus cycle must be the same highest-order even address of a block specified
in the second bus cycle.
Figure 25.11 shows a flow chart of the lock bit program command programming. Execute read lock bit
status command to read lock bit state (lock bit data).
The FMR00 bit in the FMR0 register indicates whether a lock bit program operation is completed.
Refer to 25.3.6 Data Protect Function for details on lock bit functions and how to set it to "1" (un-
locked).
Start
Lock bit program operation
is completed
YES
NO
Write the command code "xx7716" to
the highest-order block address
FMR00=1?
Full status check
Write "xxD016" to the highest-order
block address
NOTES:
1. Write the command code and data to even addresses.
Figure 25.11 Lock Bit Program Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com