Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 430 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 430 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 426Page - Renesas Technology Corp M32C/86 Datasheet HTML 427Page - Renesas Technology Corp M32C/86 Datasheet HTML 428Page - Renesas Technology Corp M32C/86 Datasheet HTML 429Page - Renesas Technology Corp M32C/86 Datasheet HTML 430Page - Renesas Technology Corp M32C/86 Datasheet HTML 431Page - Renesas Technology Corp M32C/86 Datasheet HTML 432Page - Renesas Technology Corp M32C/86 Datasheet HTML 433Page - Renesas Technology Corp M32C/86 Datasheet HTML 434Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 430 / 505 page
background image
Page 407
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
25.3.5.4 Program Command
The program command writes 1-word, or 2-byte, data to the flash memory.
Auto program operation (data program and verify) will start by writing command code "xx4016" in the
first bus cycle and data to the write address in the second bus cycle. The address value specified in
the first bus cycle must be the same even address as the write address specified in the second bus
cycle.
The FMR00 bit in the FMR0 register indicates whether or not an auto program operation has been
completed. The FMR00 bit is set to "0" (busy) during auto program and to "1" (ready) when the auto
program operation is completed.
After the completion of auto program operation, the FMR06 bit in the FMR0 register indicates whether
or not the auto program operation has been completed as expected. (Refer to 25.3.8 Full Status
Check.)
An address that is already written cannot be altered or rewritten.
Figure 25.9 shows a flow chart of the program command programming.
The lock bit can protect each block from being programmed inadvertently. (Refer to 25.3.6 Data Protect
Function.)
In EW mode 1, do not execute this command on the block where the rewrite control program is allocated.
In EW mode 0, the microcomputer enters read status register mode as soon as an auto program
operation starts. The SRD register can be read. The SR7 bit in the SRD register is set to "0" at the
same time an auto program operation starts. It is set to "1" when an auto program operation is
completed. The microcomputer remains in read status register mode until the read array command is
written. After completion of an auto program operation, the SRD register indicates whether or not the
auto program operation has been completed as expected.
NOTES:
1. Write the command code and data to even addresses.
Start
Program operation
is completed
YES
NO
Write the command code "xx4016"
to an address to be written
Write data to an
address to be written
FMR00=1?
Full status check
Figure 25.9 Program Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com