Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 427 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 427 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 423Page - Renesas Technology Corp M32C/86 Datasheet HTML 424Page - Renesas Technology Corp M32C/86 Datasheet HTML 425Page - Renesas Technology Corp M32C/86 Datasheet HTML 426Page - Renesas Technology Corp M32C/86 Datasheet HTML 427Page - Renesas Technology Corp M32C/86 Datasheet HTML 428Page - Renesas Technology Corp M32C/86 Datasheet HTML 429Page - Renesas Technology Corp M32C/86 Datasheet HTML 430Page - Renesas Technology Corp M32C/86 Datasheet HTML 431Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 505 page
background image
Page 404
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
25.3.4 Precautions in CPU Rewrite Mode
25.3.4.1 Operating Speed
Set the MCD4 to MCD0 bits in the MCD register to CPU clock frequency of 10 MHz or less before
entering CPU rewrite mode (EW mode 0 or EW mode 1). Also, set the PM12 bit in the PM1 register to
"1" (wait state).
25.3.4.2 Prohibited Instructions
The following instructions cannot be used in EW mode 0 because the CPU tries to read data in the flash
memory: the UND instruction, INTO instruction, JMPS instruction, JSRS instruction, and BRK instruction.
25.3.4.3 Interrupts (EW Mode 0)
• To use interrupts having vectors in a relocatable vector table, the vectors must be relocated to the
RAM area.
_______
• The NMI and watchdog timer interrupts are available since the FMR0 and FMR1 registers are forc-
ibly reset when either interrupt occurs. Allocate the forward addresses for each interrupt routine to
_______
the fixed vector table. Flash memory rewrite operation is aborted when the NMI or watchdog timer
interrupt occurs. Execute the rewrite program again after exiting the interrupt routine.
• The address match interrupt is not available since the CPU tries to read data in the flash memory.
25.3.4.4 Interrupts (EW Mode 1)
• Do not acknowledge any interrupts with vectors in the relocatable vector table or address match
interrupt during the auto program or auto erase period.
• Do not use the watchdog timer interrupt.
_______
• The NMI interrupt is available since the FMR0 and FMR1 registers are forcibly reset when either
interrupt occurs. Allocate the forward address for the interrupt routine to the fixed vector table. Flash
_______
memory rewrite operation is aborted when the NMI interrupt occurs. Execute the rewrite program
again after exiting the interrupt routine.
25.3.4.5 How to Access
To set the FMR01, FMR02 in the FMR0 register or FMR11 bit in the FMR1 register to "1", set to "1"
in 8-bit units immediately after setting to "0". Do not generate an interrupt or a DMA transfer between
the instruction to set the bit to "0" and the instruction to set the bit to "1". Set the bit while a high-level
_______
("H") signal is applied to the NMI pin.
To change the FMR01 bit from "1" to "0", enter read array mode first, and write into address 005716 in
16-bit units. Eight high-order bits must be set to "0016".
25.3.4.6 Rewriting in the User ROM Area (EW Mode 0)
If the supply voltage drops while rewriting the block where the rewrite control program is stored, the
flash memory cannot be rewritten because the rewrite control program is not rewritten as expected. If
this error occurs, rewrite the user ROM area while in standard serial I/O mode or parallel I/O mode.
25.3.4.7 Rewriting in the User ROM Area (EW Mode 1)
Do not rewrite the block where the rewrite control program is stored.
25.3.4.8 DMA Transfer
In EW mode 1, do not generate a DMA transfer while the FMR00 bit in the FMR0 register is set to "0"
(busy-programming or erasing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com