Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 428 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 428 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 424Page - Renesas Technology Corp M32C/86 Datasheet HTML 425Page - Renesas Technology Corp M32C/86 Datasheet HTML 426Page - Renesas Technology Corp M32C/86 Datasheet HTML 427Page - Renesas Technology Corp M32C/86 Datasheet HTML 428Page - Renesas Technology Corp M32C/86 Datasheet HTML 429Page - Renesas Technology Corp M32C/86 Datasheet HTML 430Page - Renesas Technology Corp M32C/86 Datasheet HTML 431Page - Renesas Technology Corp M32C/86 Datasheet HTML 432Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 505 page
background image
Page 405
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
25.2.4.9 Writing Command and Data
Write commands and data to even addresses in the user ROM area.
25.3.4.10 Wait Mode
When entering wait mode, set the FMR01 bit in the FMR0 register to "0" (CPU rewrite mode disabled)
before executing the WAIT instruction.
25.3.4.11 Stop Mode
When entering stop mode, the following settings are required:
• Set the FMR01 bit to "0" (CPU rewrite mode disabled). Disable a DMA transfer before setting the
CM10 bit to "1" (stop mode).
• Execute the instruction to set the CM10 bit to "1" (stop mode) and then the JMP.B instruction.
e.g.,
BSET
0, CM1
; Stop mode
JMP.B
L1
L1:
Program after exiting stop mode
25.3.4.12 Low-Power Consumption Mode and On-Chip Oscillator Low-Power Consumption Mode
If the CM05 bit is set to "1" (main clock stopped), do not execute the following commands:
• Program
• Block erase
• Erase all unlocked blocks
• Lock bit program
• Read lock bit status



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com