Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 432 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 432 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 428Page - Renesas Technology Corp M32C/86 Datasheet HTML 429Page - Renesas Technology Corp M32C/86 Datasheet HTML 430Page - Renesas Technology Corp M32C/86 Datasheet HTML 431Page - Renesas Technology Corp M32C/86 Datasheet HTML 432Page - Renesas Technology Corp M32C/86 Datasheet HTML 433Page - Renesas Technology Corp M32C/86 Datasheet HTML 434Page - Renesas Technology Corp M32C/86 Datasheet HTML 435Page - Renesas Technology Corp M32C/86 Datasheet HTML 436Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 432 / 505 page
background image
Page 409
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
25.3.5.6 Erase All Unlocked Block Command
The erase all unlocked block command erases all blocks except the block A.
By writing command code "xxA716" in the first bus cycle and "xxD016" in the second bus cycle, auto
erase (erase and verify) operation will run continuously in all blocks except the block A.
The FMR00 bit in the FMR0 register indicates whether or not an auto erase operation has been
completed.
After the completion of an auto erase operation, the FMR07 bit in the FMR0 register indicates whether
or not the auto erase operation has been completed as expected.
The lock bit can protect each block from being programmed inadvertently. (Refer to 25.3.6 Data
Protect Function.)
In EW mode 1, do not execute this command when the lock bit for any block storing the rewrite control
program is set to "1" (unlocked) or when the FMR02 bit in the FMR0 register is set to "1" (lock bit
disabled).
In EW mode 0, the microcomputer enters read status register mode as soon as an auto erase opera-
tion starts. The SRD register can be read. The SR7 bit in the SRD register is set to "0" (busy) at the
same time an auto erase operation starts. It is set to "1" (ready) when an auto erase operation is
completed. The microcomputer remains in read status register mode until the read array command or
read lock bit status command is written.
Only blocks 0 to 12 can be erased by the erase all unlocked block command. The block A cannot be
erased. Use the block erase command to erase the block A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com