Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 434 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 434 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 430Page - Renesas Technology Corp M32C/86 Datasheet HTML 431Page - Renesas Technology Corp M32C/86 Datasheet HTML 432Page - Renesas Technology Corp M32C/86 Datasheet HTML 433Page - Renesas Technology Corp M32C/86 Datasheet HTML 434Page - Renesas Technology Corp M32C/86 Datasheet HTML 435Page - Renesas Technology Corp M32C/86 Datasheet HTML 436Page - Renesas Technology Corp M32C/86 Datasheet HTML 437Page - Renesas Technology Corp M32C/86 Datasheet HTML 438Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 434 / 505 page
background image
Page 411
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Block is not locked
Write "xxD016" to the highest-
order block address
Start
Block is locked
YES
NO
Write the command code "xx7116"
FMR00=1?
YES
NO
FMR16=0?
NOTES:
1. Write the command code and data to even addresses.
Figure 25.12 Read Lock Bit Status Command
25.3.5.8 Read Lock Bit Status Command
The read lock bit status command reads the lock bit state (the lock bit data) of a specified block.
By writing command code "xx7116" in the first bus cycle and "xxD016" to the highest-order even ad-
dress of a block in the second bus cycle, the FMR16 bit in the FMR1 register stores information on
whether or not the lock bit of a specified block is locked. Read the FMR16 bit after the FMR00 bit in the
FMR0 register is set to "1" (ready).
Figure 25.12 shows a flow chart of the read lock bit status command programming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com