Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 426 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 426 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 422Page - Renesas Technology Corp M32C/86 Datasheet HTML 423Page - Renesas Technology Corp M32C/86 Datasheet HTML 424Page - Renesas Technology Corp M32C/86 Datasheet HTML 425Page - Renesas Technology Corp M32C/86 Datasheet HTML 426Page - Renesas Technology Corp M32C/86 Datasheet HTML 427Page - Renesas Technology Corp M32C/86 Datasheet HTML 428Page - Renesas Technology Corp M32C/86 Datasheet HTML 429Page - Renesas Technology Corp M32C/86 Datasheet HTML 430Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 426 / 505 page
background image
Page 403
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Start main
clock
oscillation
Transfer the low-power consumption mode program
to a space other than the flash memory
Switch clock source of the CPU clock.
The main clock stops.(2)
Wait until the flash memory stabilizes (tps ms)(3)
Set the FMSTP bit to "0" (flash memory operation)
Set the FMSTP bit to "1" (The flash memory stops
operating. It is in a low-power consumption state)(1)
Process in low-power consumption mode or
on-chip oscillator low-power consumption mode
Switch clock
source of the
CPU clock(2)
Low-power consumption
mode program
Set the FMR01 bit to "0"
(CPU rewrite mode disabled)(5)
Set the FMR01 bit to "1" after setting it to "0"
(CPU rewrite mode enabled)(4)
Jump to a desired address in the flash memory
Wait until
oscillation
stabilizes
Jump to the low-power consumption mode
program transferred to a space other than the
flash memory. (In the following steps, use the
low-power consumption mode program in a
space other than the flash memory.)
NOTES:
1. Set the FMSTP bit to "1" after the FMR01 bit is set to "1"
(CPU rewrite mode enabled).
2. Wait until clock stabilizes to switch a clock source of the
CPU clock to the main clock or sub clock.
3. Add tps ms wait time by program. Do not access the flash
memory during this wait time.
4. To set the FMR01 bit to "1", set it to "1" in 8-bit unit
immediately after setting it first to "0". Do not generate an
interrupt or a DMA transfer between setting the bit to "0"
and setting it to "1". Set the FMR01 bit while the NMI pin
is held "H".
5. To change the FMR01 bit setting from "1" to "0", enter
read array mode to write to addresses 005716 in 16-bit
unit. Write "0016" into 8 high-order bits.
Figure 25.8 Handling Before and After Low Power Consumption Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com