Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 425 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 425 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 421Page - Renesas Technology Corp M32C/86 Datasheet HTML 422Page - Renesas Technology Corp M32C/86 Datasheet HTML 423Page - Renesas Technology Corp M32C/86 Datasheet HTML 424Page - Renesas Technology Corp M32C/86 Datasheet HTML 425Page - Renesas Technology Corp M32C/86 Datasheet HTML 426Page - Renesas Technology Corp M32C/86 Datasheet HTML 427Page - Renesas Technology Corp M32C/86 Datasheet HTML 428Page - Renesas Technology Corp M32C/86 Datasheet HTML 429Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 425 / 505 page
background image
Page 402
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
25. Flash Memory Version
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Single-chip mode(1)
Set the MCD and PM1 registers(2)
Set the FMR01 bit to "1" (CPU rewrite mode
enabled) after writing "0"
Set the FMR11 bit to "1" (EW mode 1) after
writing "0"(3)
Program in the ROM
Procedure to Enter EW Mode 1
Execute the software commands
Set the FMR01 bit to "0"
(CPU rewrite mode disabled)(4)
NOTES:
1. In EW mode 1, do not enter memory expansion or boot mode.
2. In CPU rewrite mode, set the MCD register to be the 10-MHz CPU clock frequency or less. Set
the PM12 bit in the PM1 register to "1" (internal access wait).
3. To set the FMR01 bit to "1", set it to "1" in 8-bit unit immediately after setting it first to "0". Do not
generate an interrupt or a DMA transfer between setting the FMR01 bit to "0" and setting it to "1".
To set the FMR11 bit to "1", set it to "1" in 8-bit unit immediately after setting it first to "0". Do not
generate an interrupt or a DMA transfer between setting the FMR11 bit to "0" and setting it to "1".
Set the FMR01 and FMR11 bits while the NMI pin is held "H".
4. To change the FMR01 bit setting from "1" to "0", enter read array mode to write to addresses
005716 in 16-bit unit. Write "0016" into 8 high-order bits.
Figure 25.7 How to Enter and Exit EW Mode 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com