Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 445 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 445 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 441Page - Renesas Technology Corp M32C/86 Datasheet HTML 442Page - Renesas Technology Corp M32C/86 Datasheet HTML 443Page - Renesas Technology Corp M32C/86 Datasheet HTML 444Page - Renesas Technology Corp M32C/86 Datasheet HTML 445Page - Renesas Technology Corp M32C/86 Datasheet HTML 446Page - Renesas Technology Corp M32C/86 Datasheet HTML 447Page - Renesas Technology Corp M32C/86 Datasheet HTML 448Page - Renesas Technology Corp M32C/86 Datasheet HTML 449Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 445 / 505 page
background image
Page 422
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
26. Electrical Characteristics (M32C/86)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
26. Electrical Characteristics
26.1 Electrical Characteristics (M32C/86)
Table 26.1 Absolute Maximum Ratings
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
Ce
u
l
a
Vt
i
n
U
V C
C
e
g
a
t
l
o
V
y
l
p
p
u
SV C
C
V
A
=
C
C
0
.
6
o
t
3
.
0
-
V
V
A
C
C
e
g
a
t
l
o
V
y
l
p
p
u
S
g
o
l
a
n
AV C
C
V
A
=
C
C
0
.
6
o
t
3
.
0
-
V
VI
e
g
a
t
l
o
V
t
u
p
n
I0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
-
4
P 7
5
P
,
0
5
P
-
7
6
P
,
0
6
P
-
7
7
P
,
2
7
P
-
7
8
P
,
0
8
P
-
7
,
9
P 0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
1
1
P
-
4
2
1
P
,
0
-
2
1
P
7
3
1
P
,
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
,
V
F
E
R
X
,
N
I
V
N
C
,
T
E
S
E
R
,
S
S
E
T
Y
B
,
V
o
t
3
.
0
-
C
C
3
.
0
+V
7
P 0
7
P
,
1
0
.
6
o
t
3
.
0
-V
VO
e
g
a
t
l
o
V
t
u
p
t
u
O0
P 0
0
P
-
7
1
P
,
0
1
P
-
7
2
P
,
0
2
P
-
7
3
P
,
0
3
P
-
7
4
P
,
0
-
4
P 7
5
P
,
0
5
P
-
7
6
P
,
0
6
P
-
7
7
P
,
2
7
P
-
7
8
P
,
0
8
P
-
7
,
9
P 0
9
P
-
7
0
1
P
,
0
0
1
P
-
7
1
1
P
,
0
1
1
P
-
4
2
1
P
,
0
-
2
1
P
7
3
1
P
,
0
3
1
P
-
7
4
1
P
,
0
4
1
P
-
6
5
1
P
,
0
5
1
P
-
7
,
X
T
U
O
V
o
t
3
.
0
-
C
C
3
.
0
+V
7
P 0
7
P
,
1
0
.
6
o
t
3
.
0
-
d
Pn
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
C
°
5
2
=
r
p
o
T0
0
5W
m
r
p
o
T
g
n
i
t
a
r
e
p
O
t
n
e
i
b
m
A
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
a
r
e
p
o
U
P
C
g
n
i
r
u
d
/
5
8
o
t
0
2
-
5
8
o
t
0
4
-
)
1
(
C
°
e
s
a
r
e
d
n
a
m
a
r
g
o
r
p
y
r
o
m
e
m
h
s
a
l
f
g
n
i
r
u
d
n
o
i
t
a
r
e
p
o
0
6
o
t
0
g
t
s
Te
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
0
5
1
o
t
5
6
-C
°
:
S
E
T
O
N
5
8
o
t
0
4
-
f
o
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
f
i
e
c
i
f
f
o
s
e
l
a
s
r
u
o
t
c
a
t
n
o
C
.
1
.
d
e
r
i
u
q
e
r
s
i
C
°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com