Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 124Page - Renesas Technology Corp M32C/86 Datasheet HTML 125Page - Renesas Technology Corp M32C/86 Datasheet HTML 126Page - Renesas Technology Corp M32C/86 Datasheet HTML 127Page - Renesas Technology Corp M32C/86 Datasheet HTML 128Page - Renesas Technology Corp M32C/86 Datasheet HTML 129Page - Renesas Technology Corp M32C/86 Datasheet HTML 130Page - Renesas Technology Corp M32C/86 Datasheet HTML 131Page - Renesas Technology Corp M32C/86 Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 505 page
background image
Page 105
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Interrupt Control Register
After Reset
XXXX X0002
XXXX X0002
XXXX X0002
XXXX X0002
XXXX X0002
XXXX X0002
XXXX X0002
XXXX X0002
XXXX X0002
XXXX X0002
XXXX X0002
XXXX X0002
Address
006C16, 008C16, 006E16, 008E16, 007016
009416, 007616, 009616, 007816, 009816, 006916
009016, 009216, 008916, 008B16, 008D16
007216, 007416, 006B16, 006D16, 006F16
007116, 009116, 008F16, 007116(1), 009116(2)
006816, 008816, 006A16, 008A16
007316
009316
007516, 009516, 007716, 009716, 007916
007D16, 009D16, 007F16
009D16, 007F16, 008116(3)
007516, 009516, 009916(3)
Symbol
TA0IC to TA4IC
TB0IC to TB5IC
S0TIC to S4TIC
S0RIC to S4RIC
BCN0IC to BCN4IC
DM0IC to DM3IC
AD0IC
KUPIC
IIO0IC to IIO4IC
IIO8IC to IIO10IC
CAN0IC to CAN2IC
CAN3IC to CAN5IC
RW
RW
RW
RW
RW
ILVL0
ILVL1
ILVL2
Interrupt Priority Level
Select Bit
IR
(b7 - b4)
NOTES:
1. The BCN0IC register shares an address with the BCN3IC register.
2. The BCN1IC register shares an address with the BCN4IC register.
3. The IIO9IC register shares an address with the CAN0IC register.
The IIO10IC register shares an address with the CAN1IC register.
The IIO0IC register shares an address with the CAN3IC register.
The IIO1IC register shares an address with the CAN4IC register.
4. The IR bit can be set to "0" only (do not set to "1").
Interrupt Request Bit
0 : No interrupt requested
1 : Interrupt requested(4)
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
0 0 0 : Level 0 (interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
Bit Name
Function
Bit
Symbol
b7
b6
b5
b4
b3
b2
b1
b0
Figure 11.3 Interrupt Control Register (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com