Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 130 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 130 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 126Page - Renesas Technology Corp M32C/86 Datasheet HTML 127Page - Renesas Technology Corp M32C/86 Datasheet HTML 128Page - Renesas Technology Corp M32C/86 Datasheet HTML 129Page - Renesas Technology Corp M32C/86 Datasheet HTML 130Page - Renesas Technology Corp M32C/86 Datasheet HTML 131Page - Renesas Technology Corp M32C/86 Datasheet HTML 132Page - Renesas Technology Corp M32C/86 Datasheet HTML 133Page - Renesas Technology Corp M32C/86 Datasheet HTML 134Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 505 page
background image
Page 107
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Exit Priority Register
After Reset
XXXX 00002
Address
009F16
Symbol
RLVL
RW
RW
RW
RW
RW
RW
RLVL0
RLVL1
RLVL2
Stop/Wait Mode Exit
Minimum Interrupt Priority
Level Control Bit(1)
FSIT
High-Speed Interrupt
Set Bit(2)
0: Interrupt priority level 7 is used
for normal interrupt
1: Interrupt priority level 7 is used
for high-speed interrupt
DMAII
(b4)
(b7 - b6)
DMA II Select Bit(4)
0: Interrupt priority level 7 is used
for interrupt
1: Interrupt priority level 7 is used
for DMA II transfer(3)
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
0 0 0 : Level 0
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
Bit Name
Function
Bit
Symbol
b7
b6
b5
b4
b3
b2
b1
b0
NOTES:
1. The microcomputer exits stop or wait mode when the requested interrupt priority level is higher than
the level set in the RLVL2 to RLVL0 bits. Set the RLVL2 to RLVL0 bits to the same value as IPL in
the FLG register.
2. When the FSIT bit is set to "1", an interrupt having the interrupt priority level 7 becomes the high-speed
interrupt. In this case, set only one interrupt to the interrupt priority level 7 and the DMAII bit to "0".
3. Set the ILVL2 to ILVL0 bits in the interrupt control register after setting the DMAII bit to "1".
Do not change the DMAII bit setting to "0" after setting the DMAII bit to "1". Set the FSIT bit to "0"
when the DMAII bit to "1".
4. The DMAII bit becomes indeterminate after reset. To use the DMAII bit for an interrupt setting, set it
to "0" before setting the interrupt control register.
Figure 11.5 RLVL Register
11.6.2.3 RLVL2 to RLVL0 Bits
When using an interrupt to exit stop or wait mode, refer to 9.5.2 Wait Mode and 9.5.3 Stop Mode for
details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com