Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 129Page - Renesas Technology Corp M32C/86 Datasheet HTML 130Page - Renesas Technology Corp M32C/86 Datasheet HTML 131Page - Renesas Technology Corp M32C/86 Datasheet HTML 132Page - Renesas Technology Corp M32C/86 Datasheet HTML 133Page - Renesas Technology Corp M32C/86 Datasheet HTML 134Page - Renesas Technology Corp M32C/86 Datasheet HTML 135Page - Renesas Technology Corp M32C/86 Datasheet HTML 136Page - Renesas Technology Corp M32C/86 Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 505 page
background image
Page 110
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Table 11.4 Interrupt Sequence Execution Time
8-Bit Bus
16 cycles
16 cycles
14 cycles
14 cycles
15 cycles
16 cycles
19 cycles
19 cycles
21 cycles
16-Bit Bus
14 cycles
16 cycles
12 cycles
14 cycles
13 cycles
14 cycles
17 cycles
19 cycles
19 cycles
Interrupt Vector Address
Even address
Odd address(1)
Even address
Odd address(1)
Even address(2)
Even address(2)
Even address
Odd address(1)
Even address(2)
Vector table is internal register
Interrupt
Peripheral Function
INT Instruction
_______
NMI
Watchdog Timer
Undefined Instruction
Address Match
Overflow
BRK Instruction (relocatable vector table)
BRK Instruction (fixed vector table)
High-Speed Interrupt
5 cycles
NOTES:
1. Allocate interrupt vectors in even addresses.
2. Vectors are fixed to even addresses.
11.6.5 IPL Change when Interrupt Request is Acknowledged
When a peripheral function interrupt request is acknowledged, IPL sets the priority level for the acknowl-
edged interrupt.
Software interrupts and special interrupts have no interrupt priority level. If an interrupt request that has
no interrupt priority level is acknowledged, the value shown in Table 11.5 is set in IPL as the interrupt
priority level.
Table 11.5 Interrupts without Interrupt Priority Levels and IPL
Interrupt Source
Level Set to IPL
_______
Watchdog Timer, NMI, Oscillation Stop Detection, Low Voltage Detection
7
Reset
0
Software, Address Match
Not changed
NOTES:
1. Low voltage detection interrupt cannot be used in M32C/86T.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com