Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 128Page - Renesas Technology Corp M32C/86 Datasheet HTML 129Page - Renesas Technology Corp M32C/86 Datasheet HTML 130Page - Renesas Technology Corp M32C/86 Datasheet HTML 131Page - Renesas Technology Corp M32C/86 Datasheet HTML 132Page - Renesas Technology Corp M32C/86 Datasheet HTML 133Page - Renesas Technology Corp M32C/86 Datasheet HTML 134Page - Renesas Technology Corp M32C/86 Datasheet HTML 135Page - Renesas Technology Corp M32C/86 Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 505 page
background image
Page 109
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
11. Interrupts
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
11.6.4 Interrupt Response Time
Figure 11.6 shows an interrupt response time. Interrupt response time is the period between an interrupt
generation and the execution of the first instruction in an interrupt routine. Interrupt response time in-
cludes the period between an interrupt request generation and the completed execution of an instruction
((a) on Figure 11.6) and the period required to perform an interrupt sequence ((b) on Figure 11.6).
Figure 11.6 Interrupt Response Time
Time (a) varies depending on an instruction being executed. The DIV, DIVX and DIVU instructions
require the longest time (a); 42 cycles when an immediate value or register is set as the divisor.
When the divisor is a value in the memory, the following value is added.
• Normal addressing
: 2 + X
• Index addressing
: 3 + X
• Indirect addressing
: 5 + X + 2Y
• Indirect index addressing
: 6 + X + 2Y
X is the number of wait states for a divisor space. Y is the number of wait states for the space that stores
indirect addresses. If X and Y are in an odd address or in 8-bit bus space, the X and Y value must be
doubled.
Table 11.4 lists time (b), shown Figure 11.6.
(a) Period between an interrupt request generation and the completed execution of an instruction.
(b) Period required to perform an interrupt sequence.
(a)
(b)
Time
Instruction
Interrupt response time
Instruction in
interrupt routine
Interrupt sequence
Interrupt request is acknowledged
Interrupt request is generated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com