Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 158Page - Renesas Technology Corp M32C/86 Datasheet HTML 159Page - Renesas Technology Corp M32C/86 Datasheet HTML 160Page - Renesas Technology Corp M32C/86 Datasheet HTML 161Page - Renesas Technology Corp M32C/86 Datasheet HTML 162Page - Renesas Technology Corp M32C/86 Datasheet HTML 163Page - Renesas Technology Corp M32C/86 Datasheet HTML 164Page - Renesas Technology Corp M32C/86 Datasheet HTML 165Page - Renesas Technology Corp M32C/86 Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 505 page
background image
Page 139
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
14. DMACII
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Memory-to-Memory Transfer
/Immediate Data Transfer
Calculation Transfer
Multiple Transfer
Chained Transfer
End-of-Transfer
Interrupt
Not Used
Not Used
Not Used
Not Used
Used
Not Used
Not Used
Not Used
Used
Used
Not Used
Used
Used
Used
Not Available
Not Available
Used
Used
DMAC II
Index
COUNT
MOD
SADR
DADR
COUNT
MOD
SADR
DADR
CADR0
CADR1
COUNT
MOD
SADR
OADR
OADR
OADR
DADR
IADR0
IADR1
COUNT
MOD
SADR
DADR
IADR0
IADR1
COUNT
MOD
SADR
DADR
CADR0
CADR1
IADR0
IADR1
OADR
8 bytes
12 bytes
COUNT
MOD
SADR
DADR
COUNT
MOD
SADR
DADR
CADR0
CADR1
10 bytes
14 bytes
12 bytes
14 bytes
18 bytes
COUNT
MOD
SADR
DADR
CADR0
CADR1
IADR0
IADR1
16 bytes
COUNT
MOD
SADR1
DADR1
SADRi
DADRi
i=1 to 7
max. 32 bytes
(when i=7)
Transfer Data
Function
(MULT=0)
Function
(MULT=1)
Transfer Mode (MOD)(1)
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
SIZE
IMM
UPDS
Transfer Unit
Select Bit
UPDD
INTE/
CNT2(2)
Transfer Destination
Direction Select Bit
0: Fixed address
1: Forward address
0: Single transfer
1: Burst transfer
Calculation Transfer
Function Select Bit
0: Not used
1: Used
0: 8 bits
1: 16 bits
BRST/
CNT1(2)
OPER/
CNT0(2)
CHAIN
Transfer Data
Select Bit
Transfer Source
Direction Select Bit
Burst Transfer
Select Bit
End-of-Transfer
Interrupt Select Bit
Chained Transfer
Select Bit
0: Immediate data
1: Memory
Set to "1"
Set to "0"
MULT
(b14 - b8)
Multiple Transfer
Select Bit
0: Multiple
transfer not used
1: Use multiple
transfer
0: Fixed address
1: Forward address
0: Interrupt not used
1: Use interrupt
0: Chained transfer not used
1: Use chained transfer
b6 b5 b4
0 0 0: Do not set
to this value
0 0 1: Once
0 1 0: Twice
:
:
1 1 0: 6 times
1 1 1: 7 times
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Bit Name
Bit
Symbol
NOTES:
1. MOD must be located on the RAM.
2. When the MULT bit is set to "0" (no multiple transfer), bits 6 to 4 becomes the INTE, OPER and BRST
bits. When the MULT bit is set to "1" (multiple transfer), bits 6 to 4 becomes the CNT2 to CNT0 bits.
b7
b0
b15
b8
Table 14.2 DMAC II Index Configuration in Transfer Mode
Figure 14.3 MOD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com