Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 165 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 165 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 161Page - Renesas Technology Corp M32C/86 Datasheet HTML 162Page - Renesas Technology Corp M32C/86 Datasheet HTML 163Page - Renesas Technology Corp M32C/86 Datasheet HTML 164Page - Renesas Technology Corp M32C/86 Datasheet HTML 165Page - Renesas Technology Corp M32C/86 Datasheet HTML 166Page - Renesas Technology Corp M32C/86 Datasheet HTML 167Page - Renesas Technology Corp M32C/86 Datasheet HTML 168Page - Renesas Technology Corp M32C/86 Datasheet HTML 169Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 505 page
background image
Page 142
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
14. DMACII
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
14.6 Chained Transfer
The CHAIN bit in MOD selects the chained transfer.
The following process initiates the chained transfer.
(1) Transfer, caused by a transfer request source, occurs according to the content of the DMAC II index.
The vectors of the request source indicates where the DMAC II index is allocated. For each request, the
BRST bit selects either single or burst transfer.
(2) When COUNT reaches "0", the contents of CADR1 and CADR0 are written to the vector of the request
source. When the INTE bit in MOD is set to "1", the end-of-transfer interrupt is generated simulta-
neously.
(3) When the next DMAC II transfer request is generated, transfer occurs according to the contents of the
DMAC II index indicated by the peripheral function interrupt vector rewritten in (2).
Figure 14.4 shows the relocatable vector and DMACII index when the chained transfer is in progress.
For the chained transfer, the relocatable vector table must be located in the RAM.
RAM
Relocatable Vector
INTB
DMAC II
Index(1)
DMAC II
Index(2)
BASE(1)
BASE(2)
BASE(2)
BASE(3)
(CADR1 to
CADR0)
(CADR1 to
CADR0)
Peripheral I/O interrupt vector causing DMAC II request
Default value of DMAC II is BASE(1).
The above vector is rewritten to BASE(2)
when a transfer is completed.
The above vector is rewritten to BASE(3)
when a transfer is completed.
Starts at BASE(2) when next request conditions
are met.
Transferred according to the DMAC II Index.
Figure 14.4 Relocatable Vector and DMAC II Index
14.7 End-of-Transfer Interrupt
The INTE bit in MOD selects the end-of-transfer interrupt. Set the starting address of the end-of-transfer
interrupt routine in IADR1 and IADR0. The end-of-transfer interrupt is generated when COUNT reaches "0."



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com