Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 162Page - Renesas Technology Corp M32C/86 Datasheet HTML 163Page - Renesas Technology Corp M32C/86 Datasheet HTML 164Page - Renesas Technology Corp M32C/86 Datasheet HTML 165Page - Renesas Technology Corp M32C/86 Datasheet HTML 166Page - Renesas Technology Corp M32C/86 Datasheet HTML 167Page - Renesas Technology Corp M32C/86 Datasheet HTML 168Page - Renesas Technology Corp M32C/86 Datasheet HTML 169Page - Renesas Technology Corp M32C/86 Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 505 page
background image
Page 143
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
14. DMACII
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
14.8 Execution Time
DMAC II execution cycle is calculated by the following equations:
Multiple transfers: t = 21+ (11 + b + c) x k cycles
Other than multiple transfers: t = 6 + (26 + a + b + c + d) x m + (4 + e) x n cycles
a: If IMM = 0 (source of transfer is immediate data), a = 0;
if IMM = 1 (source of transfer is memory), a = –1
b: If UPDS = 1 (source transfer address is a relocatable address), b = 0;
if UPDS = 0 (source transfer address is a fixed address), b = 1
c: If UPDD = 1 (destination transfer address is a relocatable address), c = 0;
if UPDD = 0 (destination transfer address is a fixed address), c = 1
d: If OPER = 0 (calculation function is not selected), d = 0;
if OPER = 1 (calculation function is selected) and UPDS = 0 (source of transfer is immediate data or fixed
address memory), d = 7;
if OPER = 1 (calculation function is selected) and UPDS = 1 (source of transfer is relocatable address
memory), d = 8
e: If CHAIN = 0 (chained transfer is not selected), e = 0; if CHAIN = 1 (chained transfer is selected), e = 4
m: BRST = 0 (single transfer), m = 1; BRST = 1 (burst transfer), m = the value set in transfer counter
n: If COUNT = 1, n = 0; if COUNT = 2 or more, n = 1
k: Number of transfers set in the CNT2 to CNT0 bits
The equations above are approximations. The number of cycles may vary depending on CPU state, bus
wait state, and DMAC II index allocation.
The first instruction from the end-of-transfer interrupt routine is executed in the eighth cycle after the DMAC
II transfer is completed.
Figure 14.5 Transfer Cycle
When an interrupt request as a DMAC II transfer request source and another interrupt request with higher
_______
priority (e.g., NMI or watchdog timer) are generated simultaneously, the interrupt with higher priority takes
precedence over the DMAC II transfer. The pending DMAC II transfer starts after the interrupt sequence
has been completed.
a=-1
b=0
c=1
d=0
e=0
m=1
First DMAC II transfer
t=6+26x1+4x1=36 cycles
Second DMAC II transfer t=6+26x1+4x0=32 cycles
Transfer counter = 2
Decrement a transfer counter
Transfer counter = 1
Transfer counter = 1
Program
Program
DMAC II transfer
(First time)
DMAC II transfer
(Second time)
7
cycles
Processing the end-of-transfer
interrupt
DMAC II transfer request
Decrement a transfer counter
Transfer counter = 0
32
cycles
36
cycles
DMAC II transfer request
If the end-of-transfer interrupt (transfer counter = 2) occurs with no chained transfer function
after a memory-to-memory transfer occurs with a relocatable source address, fixed destination address,
single transfer and double transfer:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com