Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 172Page - Renesas Technology Corp M32C/86 Datasheet HTML 173Page - Renesas Technology Corp M32C/86 Datasheet HTML 174Page - Renesas Technology Corp M32C/86 Datasheet HTML 175Page - Renesas Technology Corp M32C/86 Datasheet HTML 176Page - Renesas Technology Corp M32C/86 Datasheet HTML 177Page - Renesas Technology Corp M32C/86 Datasheet HTML 178Page - Renesas Technology Corp M32C/86 Datasheet HTML 179Page - Renesas Technology Corp M32C/86 Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 505 page
background image
Page 153
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Timer Ai Mode Register (i=0 to 4) (Timer Mode)
Symbol
Address
After Reset
TA0MR to TA4MR
035616, 035716, 035816, 035916, 035A16
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
TMOD0
TMOD1
Operating Mode
Select Bit
MR1
MR3
MR2
TCK0
TCK1
Count Source
Select Bit
Gate Function
Select Bit
Set to "0" in timer mode
0 0 : f1
0 1 : f8
1 0 : f2n(2)
1 1 : fC32
0 0 : Timer mode
b1b0
Bit Name
Function
Bit
Symbol
b7b6
b4b3
NOTES:
1. X can be set to either "0" or "1".
2. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).
0 X : Gate function disabled(1)
(TAiIN pin is a programmable I/O pin)
1 0 : Timer counts only while the
TAiIN pin is held "L"
1 1 : Timer counts only while the
TAiIN pin is held "H"
Reserved Bit
Set to "0"
b7
b6
b5
b4
b3
b2
b1
b0
0
0
0
(b2)
0
Figure 15.8 TA0MR to TA4MR Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com