Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 179 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 179 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 175Page - Renesas Technology Corp M32C/86 Datasheet HTML 176Page - Renesas Technology Corp M32C/86 Datasheet HTML 177Page - Renesas Technology Corp M32C/86 Datasheet HTML 178Page - Renesas Technology Corp M32C/86 Datasheet HTML 179Page - Renesas Technology Corp M32C/86 Datasheet HTML 180Page - Renesas Technology Corp M32C/86 Datasheet HTML 181Page - Renesas Technology Corp M32C/86 Datasheet HTML 182Page - Renesas Technology Corp M32C/86 Datasheet HTML 183Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 505 page
background image
Page 156
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Function
(When not processing
two-phase pulse signal)
Function
(When processing
two-phase pulse signal)
Timer Ai Mode Register (i=0 to 4) (Event Counter Mode)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
TA0MR to TA4MR
035616, 035716, 035816, 035916, 035A16
0016
RW
0 1 : Event counter mode(1)
b1b0
Operating Mode
Select Bit
Count Polarity
Select Bit(2)
Increment/Decrement
Switching Source
Select Bit
Count Operation
Type Select Bit
0 : Normal processing
operation
1 : Multiply-by-4
processing operation
0 : Reloading
1 : Free running
Set to "0" in event counter mode
0 : Counts falling edges
of an external signal
1 : Counts rising edges
of an external signal
0 : UDF registser
setting
1 : Input signal to
TAiOUT pin(3)
Set to "0"
Set to "1"
Set to "0"
TMOD0
TMOD1
(b2)
MR1
MR2
MR3
TCK1
TCK0
RW
RW
RW
RW
RW
RW
RW
RW
Two-Phase Pulse
Signal Processing
Operation Select Bit(4,5)
Reserved Bit
Set to "0"
b7
b6
b5
b4
b3
b2
b1
b0
NOTES:
1. The TAiTGH and TAiTGL bits in the ONSF or TRGSR register determine the count source in the event
counter mode.
2. MR1 bit setting is enabled only when counting how many times external signals are applied.
3. The timer decrements a counter value when an "L" signal is applied to the TAiOUT pin and the timer
increments a counter value when an "H" signal is applied to the TAiOUT pin.
4. The TCK1 bit is enabled only in the TA3MR register.
5. For two-phase pulse signal processing, set the TAjP bit in the UDF register (j=2 to 4) to "1" (two-phase
pulse signal processing function enabled). Also, set the TAiTGH and TAiTGL bits to "002" (input to the
TAjIN pin).
0
01
0
Figure 15.9 TA0MR to TA4MR Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com