Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 179Page - Renesas Technology Corp M32C/86 Datasheet HTML 180Page - Renesas Technology Corp M32C/86 Datasheet HTML 181Page - Renesas Technology Corp M32C/86 Datasheet HTML 182Page - Renesas Technology Corp M32C/86 Datasheet HTML 183Page - Renesas Technology Corp M32C/86 Datasheet HTML 184Page - Renesas Technology Corp M32C/86 Datasheet HTML 185Page - Renesas Technology Corp M32C/86 Datasheet HTML 186Page - Renesas Technology Corp M32C/86 Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 505 page
background image
Page 160
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
15.1.4 Pulse Width Modulation Mode
In pulse width modulation mode, the timer outputs pulse of desired width continuously (see Table 15.7).
The timer counter functions as either 16-bit pulse width modulator or 8-bit pulse width modulator. Figure
15.13 shows the TAiMR register (i=0 to 4) in pulse width modulation mode. Figures 15.14 and 15.15
show examples of how a 16-bit pulse width modulator operates and of how an 8-bit pulse width modulator
operates.
Table 15.7 Pulse Width Modulation Mode Specifications
Item
Specification
Count Source
f1, f8, f2n(1), fC32
Counting Operation
• The timer decrements a counter value
(The counter functions as an 8-bit or a 16-bit pulse width modulator)
Content of the reload register is reloaded on the rising edge of PWM pulse and count-
ing continues.
The timer is not affected by a trigger that is generated during counting.
16-Bit PWM
• "H" width =
n / fj
n : setting value of the TAi register
000016 to FFFE16
fj : count source frequency
• Cycle =
(216-1) / fj fixed
8-Bit PWM
• "H" width
= n x (m+1) / fj
• Cycles =
(28-1) x (m+1) / fj
m : setting value of low-order bit address of the TAi register
0016 to FF16
n : setting value of high-order bit address of the TAi register
0016 to FE16
Counter Start Condition
• External trigger input is provided
• Timer counter overflows or underflows
• The TAiS bit in the TABSR register is set to "1" (starts counting)
Counter Stop Condition
The TAiS bit is set to "0" (stops counting)
Interrupt Request Generation Timing On the falling edge of the PWM pulse
TAiIN Pin Function
Programmable I/O port or trigger input
TAiOUT Pin Function
Pulse output
Read from Timer
The value in the TAi register is indeterminate when read
Write to Timer
• When the timer counter stops, the value written to the TAi register is also written to
both reload register and counter
• While counting, the value written to the TAi register is written to the reload register
(It is transferred to the counter at the next reload timing)
NOTES:
1. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com