Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 181Page - Renesas Technology Corp M32C/86 Datasheet HTML 182Page - Renesas Technology Corp M32C/86 Datasheet HTML 183Page - Renesas Technology Corp M32C/86 Datasheet HTML 184Page - Renesas Technology Corp M32C/86 Datasheet HTML 185Page - Renesas Technology Corp M32C/86 Datasheet HTML 186Page - Renesas Technology Corp M32C/86 Datasheet HTML 187Page - Renesas Technology Corp M32C/86 Datasheet HTML 188Page - Renesas Technology Corp M32C/86 Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 505 page
background image
Page 162
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
1 / fj X (216 – 1)
Count source
Signal applied
to TAiIN pin
PWM pulse output
from TAiOUT pin
When the reload register is set to "000316" and an external trigger (on rising edge
of a signal applied to the TAiIN pin) is selected
No trigger occurs by this signal
“H”
“H”
“L”
“L”
IR bit in TAiIC register
“1”
“0”
Set to "0" by an interrupt request acknowledgement or by program
fj : Count source frequency
(f1, f8, f2n(1), fC32)
NOTES:
1. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).
1 / fi X n
i=0 to 4
n=000016 to FFFE16
Count source(1)
Signal applied to
TAiIN pin
Underflow signal of
8-bit prescaler(2)
PWM pulse output
from TAiOUT pin
“H”
“H”
“H”
“L”
“L”
“L”
“1”
“0”
IR bit in TAiIC register
Set to "0" by an interrupt request
acknowledgement or by program
fj : Count source frequency
(f1, f8, f2n(3), fC32)
NOTES:
1. 8-bit prescaler counts a count source.
2. 8-bit pulse width modulator counts underflow signals of the 8-bit prescaler.
3. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).
When 8 high-order bits of the reload register are set to "0216", 8 low-order bits of
the reload register are set to "0216" and an external trigger (on falling edge of a
signal applied to the TAiIN pin) is selected
1 / fj X (m + 1) X (28 – 1)
1 / fj X (m + 1) X n
1 / fj X (m + 1)
i=0 to 4
m=0016 to FF16, n=0016 to FE16
Figure 15.14 16-bit Pulse Width Modulator Operation
Figure 15.15 8-bit Pulse Width Modulator Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com