Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 188 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 188 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 184Page - Renesas Technology Corp M32C/86 Datasheet HTML 185Page - Renesas Technology Corp M32C/86 Datasheet HTML 186Page - Renesas Technology Corp M32C/86 Datasheet HTML 187Page - Renesas Technology Corp M32C/86 Datasheet HTML 188Page - Renesas Technology Corp M32C/86 Datasheet HTML 189Page - Renesas Technology Corp M32C/86 Datasheet HTML 190Page - Renesas Technology Corp M32C/86 Datasheet HTML 191Page - Renesas Technology Corp M32C/86 Datasheet HTML 192Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 505 page
background image
Page 165
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer B)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Timer B3, B4,B5 Count Start Flag
Symbol
Address
After Reset
TBSR
030016
000X XXXX2
RW
RW
RW
RW
TB3S
(b4 - b0)
Timer B3 Count
Start Flag
0 : Stops counting
1 : Starts counting
TB4S
Timer B4 Count
Start Flag
0 : Stops counting
1 : Starts counting
TB5S
Timer B5 Count
Start Flag
0 : Stops counting
1 : Starts counting
Bit Name
Function
Bit
Symbol
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
b7
b6
b5
b4
b3
b2
b1
b0
Figure 15.19 TBSR Register
Table 15.8 Settings for the TBiIN Pins (i=0 to 5)
PS1_1=0
Port Name
P90
PS1, PS3(1) Registers
PD7, PD9(1) Registers
PD9_0=0
Setting
NOTES:
1. Set the PD9 and PS3 registers immediately after the PRC2 bit in the PRCR register is set to "1" (
write enable). Do not generate an interrupt or a DMA transfer between the instruction to set the
PRC2 bit to "1" and the instruction to set the PD9 and PS3 registers.
Function
P91
P92
P93
P94
P71
TB0IN
TB1IN
TB2IN
TB3IN
TB4IN
TB5IN
PS3_4=0
PS3_3=0
PS3_2=0
PS3_1=0
PS3_0=0
PD9_1=0
PD9_2=0
PD9_3=0
PD9_4=0
PD7_1=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com