Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 186Page - Renesas Technology Corp M32C/86 Datasheet HTML 187Page - Renesas Technology Corp M32C/86 Datasheet HTML 188Page - Renesas Technology Corp M32C/86 Datasheet HTML 189Page - Renesas Technology Corp M32C/86 Datasheet HTML 190Page - Renesas Technology Corp M32C/86 Datasheet HTML 191Page - Renesas Technology Corp M32C/86 Datasheet HTML 192Page - Renesas Technology Corp M32C/86 Datasheet HTML 193Page - Renesas Technology Corp M32C/86 Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 505 page
background image
Page 167
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer B)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
15.2.2 Event Counter Mode
In event counter mode, the timer counts how many external signals are applied or how many times
another timer overflows and underflows. (See Table 15.10) Figure 15.21 shows the TBiMR register (i=0
to 5) in event counter mode.
Table 15.10 Event Counter Mode Specifications
Item
Specification
Count Source
• External signal applied to the TBiIN pin (i = 0 to 5) (valid edge can be selected by
program)
• TBj overflow or underflow signal (j=i-1, except j=2 when i=0, j=5 when i=3)
Counting Operation
• The timer decrements a counter value
When the timer counter underflows, content of the reload register is reloaded into the
count register to continue counting
Divide Ratio
1/(n+1)
n : setting value of the TBi register
000016 to FFFF16
Counter Start Condition
The TBiS bits in the TABSR and TBSR register are set to "1" (starts counting)
Counter Stop Condition
The TBiS bit is set to "0" (stops counting)
Interrupt Request Generation Timing The timer counter underflows
TBiIN Pin Function
Programmable I/O port or count source input
Read from Timer
The TBi register indicates counter value
Write to Timer
• When the timer counter stops, the value written to the TBi register is also written to
both reload register and counter
• While counting, the value written to the TBi register is written to the reload register
(It is transferred to the counter at the next reload timing)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com