Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 194 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 194 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 190Page - Renesas Technology Corp M32C/86 Datasheet HTML 191Page - Renesas Technology Corp M32C/86 Datasheet HTML 192Page - Renesas Technology Corp M32C/86 Datasheet HTML 193Page - Renesas Technology Corp M32C/86 Datasheet HTML 194Page - Renesas Technology Corp M32C/86 Datasheet HTML 195Page - Renesas Technology Corp M32C/86 Datasheet HTML 196Page - Renesas Technology Corp M32C/86 Datasheet HTML 197Page - Renesas Technology Corp M32C/86 Datasheet HTML 198Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 194 / 505 page
background image
Page 171
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer B)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Pulse to be measured
"H"
Count source
TBiS bits in TABSR
and TBSR registers
IR bit in TBilC register
Timing that the counter
reaches "000016"
"1"
Transferred
(measured value)
Transferred
(measured value)
"L"
"0"
MR3 bit in TBiMR
register
“1”
“0”
i=0 to 5
NOTES:
1. The counter is reset when a measurement is completed.
2. The timer counter overflows.
(Note 1)
(Note 1)
(Note 1)
Transferred
(measured
value)
(Note 1)
Set to "0" by an interrupt request acknowledgement or by program.
(Note 2)
Transferred
(indeterminate
value)
Timing to transfer value
from counter to reload
register
"1"
"0"
Count source
Pulse to be measured
TBiS bits in TABSR
and TBSR registers
IR bit in TBilC register
Timing that the counter
reaches "000016"
"H"
Transferred
(indeterminate value)
"L"
"0"
MR3 bit in TBiMR
register
i=0 to 5
NOTES:
1. The counter is reset when a measurement is completed.
2. The timer counter overflows.
(Note 1)
(Note 1)
(Note 2)
Set to "0" by an interrupt request acknowledgement or by program
Transferred
(measured value)
"1"
Timing to transfer value
from counter to reload
register
"0"
"1"
"0"
"1"
Figure 15.23 Operation Example in Pulse Period Measurement Mode
Figure 15.24 Operation Example in Pulse Width Measurement Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com