Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 198 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 198 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 194Page - Renesas Technology Corp M32C/86 Datasheet HTML 195Page - Renesas Technology Corp M32C/86 Datasheet HTML 196Page - Renesas Technology Corp M32C/86 Datasheet HTML 197Page - Renesas Technology Corp M32C/86 Datasheet HTML 198Page - Renesas Technology Corp M32C/86 Datasheet HTML 199Page - Renesas Technology Corp M32C/86 Datasheet HTML 200Page - Renesas Technology Corp M32C/86 Datasheet HTML 201Page - Renesas Technology Corp M32C/86 Datasheet HTML 202Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 505 page
background image
Page 175
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
16. Three-Phase Motor Control Timer Functions
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Figure 16.2 INVC0 Register
INV00
INV01
INV02
INV03
INV05
INV06
INV07
INV04
Function
Three-Phase PWM Control Register 0(1)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
INVC0
030816
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
Item
INV06 = 0
INV06 = 1
Transfer trigger is generated when the
INV07 bit is set to "1". Trigger to the dead
time timer is also generated when setting the
INV06 bit to "1". Its value is "0" when read.
NOTES:
1. Set the INVC0 register after the PRC1 bit in the PRCR register is set to "1" (write enable).
Rewrite the INV02 to INV00 and INV06 bits when the timers A1,A2, A4 and B2 stop.
2. Set the INV01 bit to "1" after setting the ICTB2 register.
3. The INV01 and INV00 bit settings are enabled only when the INV11 bit in the INVC1 register is set to "1"
(three-phase mode 1). The ICTB2 counter is incremented by one every time the timer B2 counter
underflows, regardless of INV01 and INV00bit settings, when the INV11 bit is set to "0" (three-phase mode).
When setting the INV01 bit to "1", set the timer A1 count start flag before the first timer B2 counter underflows.
When the INV00 bit is set to "1", the first interrupt is generated when the timer B2 counter underflows n-1
times, if n is the value set in the ICTB2 counter. Subsequent interrupts are generated every n times the
timer B2 counter underflows.
4. Set the INV02 bit to "1" to operate the dead time timer, U-, V-and W-phase output control circuits and ICTB2
counter.
5. Set pins after the INV02 bit is set to "1". See Table 16.2 for pin settings.
6. When the INV02 bit is set to "1" and the INV03 bit to "0", the U, U, V, V, W and W pins, including pins
shared with other output functions, are all placed in high-impedance states.
7. The INV03 bit is set to "0" when the followings occurs :
- Reset
- A concurrent active state occurs while the INV04 bit is set to "1"
- The INV03 bit is set to "0" by program
- An "H" signal applied to the NMI pin changes to an "L" signal
8. The INV05 bit can not be set to "1" by program. Set the INV04 bit to "0", as well, when setting the INV05 bit
to "0".
9. The following table describes how the INV06 bit setting works.
Transfer trigger : Timer B2 counter underflows and write to the INV07 bit, or write to the TB2 register when INV10 = 1
0: The ICTB2 counter is incremented by one on the
rising edge of the timer A1 reload control signal
1: The ICTB2 counter is incremented by one on the
falling edge of the timer A1 reload control signal
0: ICTB2 counter is incremented by one when
timer B2 counter underflows
1: Selected by the INV00 bit
10. When the INV06 bit is set to "1", set the INV11 bit to "0" (three-phase mode 0) and the PWCON bit in the
TB2SC register to "0" (timer B2 counter underflows).
Transferred once by generating a
transfer trigger after setting the IDB0
and IDB1 registers
Interrupt Enable Output
Polarity Select Bit(3)
Interrupt Enable Output
Specification Bit(2, 3)
Mode Select Bit
(4, 5, 6)
0: No three-phase control timer function
1: Three-phase control timer function
0: Disables three-phase control timer output
1: Enables three-phase control timer output
Output Control Bit
(6, 7)
0: Enables concurrent active output
1: Disables concurrent active output
Positive and Negative-
Phases Concurrent Active
Disable Function Enable Bit
Positive and Negative-
Phases Concurrent Active
Output Detect Flag(8)
0: Not detected
1: Detected
Modulation Mode
Select(9, 10)
0: Triangular wave modulation mode
1: Sawtooth wave modulation mode
Software Trigger Select
Transferred every time a transfer trigger
is generated
By a transfer trigger, or the falling edge of
a one-shot pulse of the timer A1, A2 or A4
On the falling edge of a one-shot pulse
of the timer A1, A2 or A4
Timing to Trigger the Dead Time
Timer when the INV16 Bit=0
INV13 Bit
Enabled when the INV11 bit=1 and the
INV06 bit=0
Disabled
Timing to Transfer from the IDB0
and IDB1 Registers to Three-
Phase Output Shift Register
Mode
Triangular wave modulation mode
Sawtooth wave modulation mode
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com