Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 199 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 199 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 195Page - Renesas Technology Corp M32C/86 Datasheet HTML 196Page - Renesas Technology Corp M32C/86 Datasheet HTML 197Page - Renesas Technology Corp M32C/86 Datasheet HTML 198Page - Renesas Technology Corp M32C/86 Datasheet HTML 199Page - Renesas Technology Corp M32C/86 Datasheet HTML 200Page - Renesas Technology Corp M32C/86 Datasheet HTML 201Page - Renesas Technology Corp M32C/86 Datasheet HTML 202Page - Renesas Technology Corp M32C/86 Datasheet HTML 203Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 505 page
background image
Page 176
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
16. Three-Phase Motor Control Timer Functions
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
INV10
INV11
INV12
INV13
INV15
INV14
Function
Three-Phase PWM Control Register 1(1)
Timer A1, A2 and A4
Start Trigger Select Bit
Carrier Wave Detect Flag(4)
Dead Time Timer Trigger
Select Bit
Output Polarity Control Bit
0: Timer A1 reload control signal is "0"
1: Timer A1 reload control signal is "1"
Timer A1-1, A2-1 and
A4-1 Control Bit(2, 3)
0: Three-phase mode 0
1: Three-phase mode 1
Dead Time Timer
Count Source Select Bit
0 : f1
1 : f1 divided-by-2
0: Timer B2 counter underflows
1: Timer B2 counter underflows and
write to the TB2 register
0 : Active "L" of an output waveform
1 : Active "H" of an output waveform
Dead Time Disable Bit
0: Enables dead time
1: Disables dead time
Bit Name
Bit
Symbol
Symbol
Address
After Reset
INVC1
030916
0016
RW
RW
RW
RW
RO
RW
RW
RW
Reserved Bit
Set to "0"
RW
NOTES:
1. Rewrite the INVC1 register after the PRC1 bit in the PRCR register is set to "1" (write enable).
The timers A1, A2, A4, and B2 must be stopped during rewrite.
2. The following table lists how the INV11 bit setting works.
3. When the INV06 bit in the INVC0 registser is set to "1" (sawtooth wave modulation mode), set the
INV11 bit to "0". Also, when the INV11 bit is set to "0", set the PWCON bit in the TB2SC register to
"0" (Timer B2 counter underflows).
4. The INV13 bit setting is enabled only when the INV06 bit is set to "0" (Triangular wave modulation
mode) and the INV11 bit to "1".
5. If the following conditions are all met, set the INV16 bit to "1".
• The INV15 bit is set to "0"
• The Dij bit (i=U, V or W, j=0, 1) and DiBj bit always have different values when the INV03 bit in
the INVC0 register is set to "1". (The positive-phase and negative-phase outputs always provide
opposite level signals.)
If the above conditions are not met, set the INV16 bit to "0".
0: Falling edge of a one-shot pulse of
the timer A1, A2 and A4(5)
1: Rising edge of the three-phase output
shift register (U-, V-, W-phase)
INV16
(b7)
b7
b6
b5
b4
b3
b2
b1
b0
TA11, TA21 and TA41 Registers
Not used
Used
INV13 Bit
Disabled
Enabled
Item
Mode
INV11 = 0
INV11 = 1
Three-phase mode 0
Three-phase mode 1
Disabled. The ICTB2 counter is
incremented whenever the timer B2
counter underflows
Enabled when INV11=1 and INV06=0
0
INV01 and INV00 Bit
in the INVC0 Register
Figure 16.3 INVC1 Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com