Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 203 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 203 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 199Page - Renesas Technology Corp M32C/86 Datasheet HTML 200Page - Renesas Technology Corp M32C/86 Datasheet HTML 201Page - Renesas Technology Corp M32C/86 Datasheet HTML 202Page - Renesas Technology Corp M32C/86 Datasheet HTML 203Page - Renesas Technology Corp M32C/86 Datasheet HTML 204Page - Renesas Technology Corp M32C/86 Datasheet HTML 205Page - Renesas Technology Corp M32C/86 Datasheet HTML 206Page - Renesas Technology Corp M32C/86 Datasheet HTML 207Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 505 page
background image
Page 180
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
16. Three-Phase Motor Control Timer Functions
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Timer Ai Mode Register (i=1, 2, 4)
Symbol
Address
After Reset
TA1MR, TA2MR, TA4MR
035716, 035816, 035A16
0016
RW
RW
RW
RW
Bit Name
Function
Bit
Symbol
TMOD0
TMOD1
MR0
Operating Mode
Select Bit
MR1
RW
RW
RW
RW
MR2
MR3
TCK0
TCK1
Set to "102" (one-shot timer
mode) when using the three-phase
motor control timer function
Set to "0" when using the three-phase
motor control timer function
Set to "1" (selected by the TRGSR
register) when using the three-
phase motor control timer function
: f1
: f8
: f2n(1)
: fC32
External Trigger Select Bit
Trigger Select Bit
Set to "0" with the three-phase motor control timer function
Count Source Select Bit
b7
0
0
1
1
b6
0
1
0
1
NOTES:
1. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).
Reserved Bit
Set to "0"
b6
b5
b3
b2
b1
b4
b7
b0
11
00
0
0
Timer B2 Mode Register
Symbol
Address
After Reset
TB2MR
035D16
00XX 00002
RW
RW
RW
Bit Name
Function
Bit
Symbol
TMOD0
TMOD1
MR0
Operating Mode
Select Bit
MR1
RW
RW
RW
MR2
MR3
TCK0
TCK1
Set to "002" (timer mode) when using
the three-phase motor control timer
function
: f1
: f8
: f2n(1)
: fC32
Disabled when using the three-phase motor control timer function.
When write, set to "0".
When read, its content is indeterminate.
Set to "0" when using three-phase motor control timer function
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Count Source Select Bit
b7
0
0
1
1
b6
0
1
0
1
NOTES:
1. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).
b6
b5
b3
b2
b1
b4
b7
b0
0
0
0
00
Figure 16.7 TA1MR, TA2MR and TA4MR Registers, TB2MR Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com