Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 200 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 200 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 196Page - Renesas Technology Corp M32C/86 Datasheet HTML 197Page - Renesas Technology Corp M32C/86 Datasheet HTML 198Page - Renesas Technology Corp M32C/86 Datasheet HTML 199Page - Renesas Technology Corp M32C/86 Datasheet HTML 200Page - Renesas Technology Corp M32C/86 Datasheet HTML 201Page - Renesas Technology Corp M32C/86 Datasheet HTML 202Page - Renesas Technology Corp M32C/86 Datasheet HTML 203Page - Renesas Technology Corp M32C/86 Datasheet HTML 204Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 505 page
background image
Page 177
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
16. Three-Phase Motor Control Timer Functions
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Three-Phase Output Buffer Register i(1) (i=0, 1)
Symbol
Address
After Reset
IDB0, IDB1
030A16, 030B16
XX11 11112
b7
b6
b5
b4
b3
b2
b1
b0
RW
RW
RW
RW
RW
RW
RW
RO
Bit Name
Bit
Symbol
DUi
DUBi
DVi
U-Phase Output Buffer i
DVBi
DWi
DWBi
(b7 - b6)
Function
Write output level
0: Active level
1: Inactive level
When read, the value of the three-
phase shift register is read.
U-Phase Output Buffer i
V-Phase Output Buffer i
V-Phase Output Buffer i
W-Phase Output Buffer i
W-Phase Output Buffer i
NOTES:
1. Values of the IDB0 and IDB1 registers are transferred to the three-phase output shift register by a
transfer trigger.
After the transfer trigger occurs, the values written in the IDB0 register determine each phase output
signal level first. Then the value written in the IDB1 register on the falling edge of the timers A1, A2
and A4 one-shot pulse determines each phase output signal level.
Reserved Bit
When read,
its content is indeterminate
Dead Time Timer(1, 2)
Symbol
Address
After Reset
DTT
030C16
Indeterminate
RW
WO
Function
b0
Setting Range
1 to 255
b7
If setting value is n, the timer stops when counting
n times a count source selected by the INV12 bit
after start trigger occurs. Positive or negative
phase, which changes from inactive level to active
level, shifts when the dead time timer stops.
NOTES:
1. Use the MOV instruction to set the DTT register.
2. The DTT register setting is enabled when the INV15 bit in the INVC1 register is set to "0" (dead time
enabled). No dead time can be set when the INV15 bit is set to "1" (dead time disabled). The INV06
bit in the INVC0 register determines start trigger of the DTT register.
Figure 16.4 IDB0 and IDB1 registers, DTT Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com