Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 201 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 201 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 197Page - Renesas Technology Corp M32C/86 Datasheet HTML 198Page - Renesas Technology Corp M32C/86 Datasheet HTML 199Page - Renesas Technology Corp M32C/86 Datasheet HTML 200Page - Renesas Technology Corp M32C/86 Datasheet HTML 201Page - Renesas Technology Corp M32C/86 Datasheet HTML 202Page - Renesas Technology Corp M32C/86 Datasheet HTML 203Page - Renesas Technology Corp M32C/86 Datasheet HTML 204Page - Renesas Technology Corp M32C/86 Datasheet HTML 205Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 505 page
background image
Page 178
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
16. Three-Phase Motor Control Timer Functions
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Timer B2 Interrupt Generation Frequency Set Counter(1, 2, 3)
Symbol
Address
After Reset
ICTB2
030D16
Indeterminate
b7
b0
RW
WO
Function
Setting Range
1 to 15
Nothing is assigned. When write, set to "0".
When the INV01 bit is set to "0" (the ICTB2 counter
increments whenever the timer B2 counter underflows) and
the setting value is n, the timer B2 interrupt is generated
every nth time timer B2 counter underflow occurs.
When the INV01 bit is set to "1" (the INV00 bit selects
count timing of the ICTB2 counter) and setting value is
n, the timer B2 interrupt is generated every nth time
timer B2 counter underflow meeting the condition
selected in the INV00 bit occurs.
NOTES:
1. Use the MOV instruction to set the ICTB2 register.
2. If the INV01 bit in the INVC0 register is set to "1", set the ICTB2 register in the TABSR register when
the TB2S bit is set to "0" (timer B2 counter stopped).
If the INV01 bit is set to "0" and the TB2S bit to "1" (timer B2 counter start), do not set the ICTB2
register when the timer B2 counter underflows.
3. If the INV00 bit in the INVC0 register is set to "1", the first interrupt is generated when the timer B2
counter underflows n-1 times, n being the value set in the ICTB2 counter. Subsequent interrupts are
generated every n times the timer B2 counter underflows.
Timer Ai, Ai-1 Register (i=1, 2, 4)(1, 2, 3, 4, 5, 6)
Symbol
Address
After Reset
TA1, TA2, TA4
034916 - 034816, 034B16 - 034A16, 034F16 - 034E16 Indeterminate
TA11, TA21, TA41
030316 - 030216, 030516 - 030416, 030716 - 030616
Indeterminate
RW
WO
Function
b0
b8
Setting Range
000016 to FFFF16
b15
b7
If setting value is n, the timer stops when the nth count
source is counted after a start trigger is generated.
Positive phase changes to negative phase, and vice
versa, when the timers A1, A2 and A4 stop.
NOTES:
1. Use a 16-bit data for read and write.
2. If the TAi or TAi1 register is set to "000016", no counter starts and no timer Ai interrupt is generated.
3. Use the MOV instruction to set the TAi and TAi1 registers.
4. When the INV15 bit in the INVC1 register is set to "0" (dead timer enabled), phase switches from an
inactive level to an active level when the dead time timer stops.
5. When the INV11 bit in the INVC1 register is set to "0" (three-phase mode 0), the value of the TAi
register is transferred to the reload register by a timer Ai start trigger.
When the INV11 bit is set to "1" (three-phase mode 1), the value of the TAi1 register is first transferred
to the reload register by a timer Ai start trigger. Then, the value of the TAi register is transferred by the
next trigger. The values of the TAi1 and TAi registers are transferred alternately to the reload register
with every timer Ai start trigger.
6. Do not write to these registers when the timer B2 counter underflows.
Timer B2 Special Mode Register
Symbol
Address
After Reset
TB2SC
035E16
XXXX XXX02
RW
RW
Bit Name
Function
Bit
Symbol
PWCON
Timer B2 Reload Timing
Switching Bit(1)
0 : Timer B2 counter underflows
1 : Timer A output in odd-number
times
Nothing is assigned. When write, set to "0".
When read, its content is "0."
b7
b6
b5
b4
b3
b2
b1
b0
NOTES:
1. Set the PWCON bit to "0" when setting the INV11 bit to "0" (three-phase mode 0) or the INV06 bit to
"1" (sawtooth wave modulation mode).
Figure 16.5 ICTB2 Register, TA1, TA2, TA4, TA11, TA21 and TA41 Registers, TB2SC Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com