Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 189Page - Renesas Technology Corp M32C/86 Datasheet HTML 190Page - Renesas Technology Corp M32C/86 Datasheet HTML 191Page - Renesas Technology Corp M32C/86 Datasheet HTML 192Page - Renesas Technology Corp M32C/86 Datasheet HTML 193Page - Renesas Technology Corp M32C/86 Datasheet HTML 194Page - Renesas Technology Corp M32C/86 Datasheet HTML 195Page - Renesas Technology Corp M32C/86 Datasheet HTML 196Page - Renesas Technology Corp M32C/86 Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 505 page
background image
Page 170
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer B)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Timer Bi Mode Register (i=0 to 5)
(Pulse Period / Pulse Width Measurement Mode)
Symbol
Address
After reset
TB0MR to TB5MR 035B16, 035C16, 035D16, 031B16, 031C16, 031D16 00XX 00002
RW
RW
RW
RW
RW
RW
RW
RO
RW
TMOD0
TMOD1
MR0
Operating Mode
Select Bit
MR1
MR3
MR2
TCK0
TCK1
Count Source
Select Bit
0 0 : f1
0 1 : f8
1 0 : f2n(3)
1 1 : fC32
TB0MR, TB3MR registers:
Set to "0" in pulse period/pulse width measurement mode
Timer Bi Overflow Flag(2)
0 : No overflow
1 : Overflow
Measurement Mode
Select Bit(1)
1 0 : Pulse period measurement mode,
Pulse width measurement mode
b1b0
Bit Name
Function
Bit
Symbol
0 0 : Pulse period measurement 1
0 1 : Pulse period measurement 2
1 0 : Pulse width measurement
1 1 : Do not set to this value
b3b2
b7b6
NOTES:
1. The MR1 and MR0 bits selects the following measurements.
Pulse period measurement 1 (the MR1 and MR0 bits are set to "002") :
Measures between the falling edge and the next falling edge of a pulse to be measured
Pulse period measurement 2 (the MR1 and MR0 bits are set to "012") :
Measures between the rising edge and the next rising edge of a pulse to be measured
Pulse width measurement (the MR1 and MR0 bits are set to "102") :
Measures between a falling edge and the next rising edge of a pulse to be measured and
between the rising edge and the next falling edge of a pulse to be measured
2. The MR3 bit is indeterminate when reset.
To set the MR3 bit to "0", se the TBiMR register after the MR3 bit is set to "1" and one or more cycles
of the count source are counted, while the TBiS bits in the TABSR and TBSR registers are set to "1"
(starts counting).
The MR3 bit cannot be set to "1" by program.
3. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).
TB1MR, TB2MR TB4MR, TB5MR registers:
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
b7
b6
b5
b4
b3
b2
b1
b0
0
1
Figure 15.22 TB0MR to TB5MR Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com