Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 180Page - Renesas Technology Corp M32C/86 Datasheet HTML 181Page - Renesas Technology Corp M32C/86 Datasheet HTML 182Page - Renesas Technology Corp M32C/86 Datasheet HTML 183Page - Renesas Technology Corp M32C/86 Datasheet HTML 184Page - Renesas Technology Corp M32C/86 Datasheet HTML 185Page - Renesas Technology Corp M32C/86 Datasheet HTML 186Page - Renesas Technology Corp M32C/86 Datasheet HTML 187Page - Renesas Technology Corp M32C/86 Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 505 page
background image
Page 161
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Timer Ai Mode Register (i=0 to 4) (Pulse Width Modulator Mode)
Symbol
Address
After Reset
TA0MR to TA4MR
035616, 035716, 035816, 035916, 035A16
0016
RW
RW
RW
RW
RW
RW
RW
RW
RW
TMOD0
TMOD1
Operating Mode
Select Bit
Trigger Select Bit
MR1
MR3
MR2
TCK0
TCK1
Count Source
Select Bit
External Trigger Select
Bit(1)
16/8-Bit PWM Mode
Select Bit
0 : Falling edge of input signal to TAiIN pin
1 : Rising edge of input signal to TAiIN pin
0 : The TAiS bit is enabled
1 : Selected by the TAiTGH and TAiTGL
bits
0: Functions as a 16-bit pulse width modulator
1: Functions as an 8-bit pulse width modulator
0 0 : f1
0 1 : f8
1 0 : f2n(2)
1 1 : fC32
1 1 : Pulse width modulation (PWM)
mode
b1b0
Bit Name
Function
Bit
Symbol
b7b6
NOTES:
1. MR1 bit setting is enabled only when the TAiTGH and TAiTGL bits in the TRGSR register are set to
"002" (input to the TAiIN pin). The MR1 bit can be set to either "0" or "1" when the TAiTGH and
TAiTGL bits are set to "012" (TB2 overflow and underflow), "102" (TAi overflow and underflow) or
"112" (TAi overflow and underflow).
2. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).
(b2)
Reserved Bit
Set to "0"
b7
b6
b5
b4
b3
b2
b1
b0
1
01
Figure 15.13 TA0MR to TA4MR Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com