Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 177Page - Renesas Technology Corp M32C/86 Datasheet HTML 178Page - Renesas Technology Corp M32C/86 Datasheet HTML 179Page - Renesas Technology Corp M32C/86 Datasheet HTML 180Page - Renesas Technology Corp M32C/86 Datasheet HTML 181Page - Renesas Technology Corp M32C/86 Datasheet HTML 182Page - Renesas Technology Corp M32C/86 Datasheet HTML 183Page - Renesas Technology Corp M32C/86 Datasheet HTML 184Page - Renesas Technology Corp M32C/86 Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 505 page
background image
Page 158
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
15.1.3 One-Shot Timer Mode
In one-shot timer mode, the timer operates only once for each trigger (see Table 15.6). Once a trigger
occurs, the timer starts and continues operating for a desired period. Figure 15.12 shows the TAiMR
register (i=0 to 4) in one-shot timer mode.
Table 15.6 One-Shot Timer Mode Specifications
Item
Specification
Count Source
f1, f8, f2n(1), fC32
Counting Operation
• The timer decrements a counter value
When the timer counter reaches "000016", it stops counting after reloading.
If a trigger occurs while counting, content of the reload register is reloaded into the
count register and counting resumes.
Divide Ratio
1/n
n : setting value of the TAi register (i=0 to 4) 000016 to FFFF16,
but the timer counter does not run if n=000016
Counter Start Condition
The TAiS bit in the TABSR register is set to "1" (starts counting) and following triggers
occur:
• External trigger input is provided
• Timer counter overflows or underflows
• The TAiOS bit in the ONSF register is set to "1" (timer started)
Counter Stop Condition
• After the timer counter has reached "000016" and is reloaded
• When the TAiS bit is set to "0" (stops counting)
Interrupt Request Generation Timing The timer counter reaches "000016"
TAiIN Pin Function
Programmable I/O port or trigger input
TAiOUT Pin Function
Programmable I/O port or pulse output
Read from Timer
The value in the TAi register is indeterminate when read
Write to Timer
• When the timer counter stops, the value written to the TAi register is also written to
both reload register and counter
• While counting, the value written to the TAi register is written to the reload register
(It is transferred to the counter at the next reload timing)
NOTES:
1. The CNT3 to CNT0 bits in the TCSPR register select no division (n=0) or divide-by-2n (n=1 to 15).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com