Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 180 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 180 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 176Page - Renesas Technology Corp M32C/86 Datasheet HTML 177Page - Renesas Technology Corp M32C/86 Datasheet HTML 178Page - Renesas Technology Corp M32C/86 Datasheet HTML 179Page - Renesas Technology Corp M32C/86 Datasheet HTML 180Page - Renesas Technology Corp M32C/86 Datasheet HTML 181Page - Renesas Technology Corp M32C/86 Datasheet HTML 182Page - Renesas Technology Corp M32C/86 Datasheet HTML 183Page - Renesas Technology Corp M32C/86 Datasheet HTML 184Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 505 page
background image
Page 157
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
15. Timer (Timer A)
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Pulse width of one count source cycle
or more is required
NOTES:
1. When the rising edge of INT2 is selected.
TA3OUT
(A-phase)
Count source
TA3IN
(B-phase)
INT2 (1)
(Z-phase)
TA3OUT
(A-phase)
Count source
TA3IN
(B-phase)
Timer counter is reset
at this timing
Counter value
mm+1
1
2
3
4
5
INT2 (1)
(Z-phase)
NOTES:
1. When the rising edge of INT2 is selected.
15.1.2.1 Counter Reset by Two-Phase Pulse Signal Processing
Z-phase input resets the timer counter when processing a two-phase pulse signal.
This function can be used in timer A3 event counter mode, two-phase pulse signal processing, free-
_______
running count operation type or multiply-by-4 processing. The Z-phase signal is applied to the INT2 pin.
When the TAZIE bit in the ONSF register is set to "1" (Z-phase input enabled), Z-phase input can
reset the timer counter. To reset the counter by a Z-phase input, set the TA3 register to "000016"
beforehand.
_______
Z-phase input is enabled when the edge of the signal applied to the INT2 pin is detected. The POL bit
in the INT2IC register can determine edge polarity. The Z-phase must have a pulse width of one timer
A3 count source cycle or more . Figure 15.10 shows two-phase pulses (A-phase and B-phase) and
the Z-phase.
Z-phase input resets the timer counter in the next count source following Z-phase input. Figure 15.11
shows the counter reset timing.
Timer A3 interrupt request is generated twice continuously when a timer A3 overflow or underflow,
_______
and a counter reset by INT2 input occur at the same time. Do not use the timer A3 interrupt request
when this function is used.
Figure 15.10 Two-Phase Pulse (A-phase and B-phase) and Z-phase
Figure 15.11 Counter Reset Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com