Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 208 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 208 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 204Page - Renesas Technology Corp M32C/86 Datasheet HTML 205Page - Renesas Technology Corp M32C/86 Datasheet HTML 206Page - Renesas Technology Corp M32C/86 Datasheet HTML 207Page - Renesas Technology Corp M32C/86 Datasheet HTML 208Page - Renesas Technology Corp M32C/86 Datasheet HTML 209Page - Renesas Technology Corp M32C/86 Datasheet HTML 210Page - Renesas Technology Corp M32C/86 Datasheet HTML 211Page - Renesas Technology Corp M32C/86 Datasheet HTML 212Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 505 page
background image
Page 185
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
UARTi Transmit Buffer Register (i=0 to 4)(1)
Symbol
Address
After Reset
U0TB to U2TB 036B16-036A16, 02EB16-02EA16, 033B16-033A16
Indeterminate
U3TB, U4TB
032B16-032A16, 02FB16-02FA16
Indeterminate
RW
Transmit data (D7 to D0)
Nothing is assigned.
When write, set to "0".
When read, its content is indeterminate.
Transmit data (D8)
NOTES:
1. Use the MOV instruction to set the UiTB register.
WO
WO
(b15 - b9)
(b7 - b0)
(b8)
Function
b7
b0
b15
b8
Bit
Symbol
UARTi Receive Buffer Register (i=0 to 4)
Bit Name
Bit
Symbol
Symbol
Address
After Reset
U0RB to U2RB 036F16 - 036E16, 02EF16 - 02EE16, 033F16 - 033E16
Indeterminate
U3RB, U4RB
032F16 - 032E16, 02FF16 - 02FE16
Indeterminate
RW
Received data (D7 to D0)
ABT
(b10 - b9)
(b7 - b0)
(b8)
OER
FER
SUM
PER
Function
Overrun Error Flag(2)
Arbitration Lost
Detect Flag(1)
Framing Error
Flag(2, 3)
Parity Error Flag(2, 3)
Error Sum Flag(2, 3)
Received data (D8)
0: Not detected (win)
1: Detected (lose)
0: No overrun error occurs
1: Overrun error occurs
0: No framing error occurs
1: Framing error occurs
0: No parity error occurs
1: Parity error occurs
0: No error occurs
1: Error occurs
RW
RO
RO
RO
RO
RO
RO
NOTES:
1. The ABT bit can be set to "0" only.
2. When the SMD2 to SMD0 bits in the UiMR register are set to "0002" (serial I/O disable) or the RE bit in
the UiC1 register is set to "0" (receive disable), the OER, FER, PER and SUM bits are set to "0".
When all OER, FER and PER bits are set to "0", the SUM bit is set to "0".
Also, the FER and PER bits are set to "0" by reading low-order bits in the UiRB register.
3. These error flags are disabled when the SMD2 to SMD0 bits are set to "0012" (clock synchronous serial
I/O mode) or to "0102" (I2C mode). When read, the contents are indeterminate.
b7
b0
b15
b8
Nothing is assigned. When write, set to "0".
When read, its content is indeterminate.
Figure 17.2 U0TB to U4TB Registers and U0RB to U4RB Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com