Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M32C/86 Datasheet(PDF) 209 Page - Renesas Technology Corp

Part # M32C/86
Description  RENESAS 16/32-BIT SINGLE-CHIP MICROCOMPUTER M16C FAMILY / M32C/80 SERIES
PDF  505 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M32C/86 Datasheet(HTML) 209 Page - Renesas Technology Corp

Back Button M32C/86 Datasheet HTML 205Page - Renesas Technology Corp M32C/86 Datasheet HTML 206Page - Renesas Technology Corp M32C/86 Datasheet HTML 207Page - Renesas Technology Corp M32C/86 Datasheet HTML 208Page - Renesas Technology Corp M32C/86 Datasheet HTML 209Page - Renesas Technology Corp M32C/86 Datasheet HTML 210Page - Renesas Technology Corp M32C/86 Datasheet HTML 211Page - Renesas Technology Corp M32C/86 Datasheet HTML 212Page - Renesas Technology Corp M32C/86 Datasheet HTML 213Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 505 page
background image
Page 186
9
7
4
f
o
5
0
0
2
,
8
0
.
p
e
S
0
0
.
1
.
v
e
R
0
0
1
0
-
4
0
2
0
B
9
0
J
E
R
17. Serial I/O
)
T
6
8
/
C
2
3
M
,
6
8
/
C
2
3
M
(
p
u
o
r
G
6
8
/
C
2
3
M
Function
UARTi Bit Rate Register (i=0 to 4)(1, 2)
Setting Range
Symbol
Address
After Reset
U0BRG to U4BRG 036916, 02E916, 033916, 032916, 02F916
Indeterminate
If the setting value is m, the UiBRG register
divides a count source by m+1
RW
0016 to FF16
NOTES:
1. Use the MOV instruction to set the UiBRG register.
2. Set the UiBRG register while no data transfer occurs.
WO
b7
b0
UARTi Transmit/Receive Mode Register (i=0 to 4)
Symbol
Address
After Reset
U0MR to U4MR
036816, 02E816, 033816, 032816, 02F816
0016
RW
CKDIR
STPS
PRY
IOPOL
PRYE
SMD0
SMD2
SMD1
Serial I/O Mode Select
Bit
Internal/External Clock
Select Bit
Stop Bit Length Select
Bit
Odd/Even Parity Select
Bit
Parity Enable Bit
TxD,RxD Input/Output
Polarity Switch Bit
0 0 0: Serial I/O disabled
0 0 1: Clock synchronous serial I/O mode
0 1 0: I2C mode
1 0 0: UART mode, 7-bit transfer data
1 0 1: UART mode, 8-bit transfer data
1 1 0: UART mode, 9-bit transfer data
b2 b1 b0
0: Not inversed
1: Inverse
0 : 1 stop bit
1 : 2 stop bits
Enables when PRYE = 1
0 : Odd parity
1 : Even parity
0 : Disables a parity
1 : Enables a parity
0 : Internal clock
1 : External clock
Bit Name
Bit
Symbol
Do not set value other than the above
RW
RW
RW
RW
RW
RW
RW
RW
Function
b7
b6
b5
b4
b3
b2
b1
b0
Figure 17.3 U0BRG to U4BRG Registers and U0MR to U4MR Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com